Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6394 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6394
Description  Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6394 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6394 Datasheet HTML 1Page - ON Semiconductor 2N6394 Datasheet HTML 2Page - ON Semiconductor 2N6394 Datasheet HTML 3Page - ON Semiconductor 2N6394 Datasheet HTML 4Page - ON Semiconductor 2N6394 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N6394 Series
http://onsemi.com
3
100
1.2
1.0
60
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TJ = 125°C
f = 60 Hz
NUMBER OF CYCLES
70
80
90
100
2.0
3.0
4.0
6.0
8.0
10
0.1
0.4
50
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
vTH, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
2.8
4.4
3.6
5.2
6.0
2.0
TJ = 25°C
125°C
1 CYCLE
55
65
75
85
95
Figure 3. On−State Characteristics
Figure 4. Maximum Non−Repetitive Surge Current
1.0
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.2 0.3
0.5
1.0
2.0
0.1
ZqJC(t) = RqJC r(t)
20
0.01
t, TIME (ms)
3.0
5.0
30
50
100
200 300
500
2.0 k
10
3.0 k 5.0 k
10
1.0 k
Figure 5. Thermal Response


Similar Part No. - 2N6394

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6394 ONSEMI-2N6394 Datasheet
79Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 3
logo
New Jersey Semi-Conduct...
2N6394 NJSEMI-2N6394 Datasheet
153Kb / 1P
   CASE TO-220AB
logo
ON Semiconductor
2N6394 ONSEMI-2N6394 Datasheet
112Kb / 5P
   Silicon Controlled Rectifiers
September, 2012 ??Rev. 9
logo
Digitron Semiconductors
2N6394 DIGITRON-2N6394 Datasheet
319Kb / 5P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N6394

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
   TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com