Selected language     English  ▼


STX790A Datasheet(PDF) 5 Page - STMicroelectronics

Part No. STX790A
Description  Medium Current, High Performance, Low Voltage PNP Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 5 page
background image
STX790A
Electrical characteristics
5/11
Note (2) Pulsed duration = 300
µs, duty cycle ≤1.5%
2.1
Electrical characteristics (curves)
ft
Transition frequency
IC = -50mA
VCE = -5V
f = 50MHz
100
MHz
td
tr
ts
tf
Resistive load
Delay time
Rise time
Storage time
Fall time
IC = -3A
VCC = -20V
IB1 = -IB2 = -60mA
(see figure 7)
180
160
250
80
220
210
300
100
ns
ns
ns
ns
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Figure 1.
DC current gain
Figure 2.
DC current gain
Figure 3.
Collector-emitter saturation
voltage
Figure 4.
Base-emitter saturation
voltage




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STD790AT4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STD888T4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STN790A_06Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STN888HIGH CURRENT HIGH PERFORMANCE LOW VOLTAGE PNP TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
2STF2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
2STX2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
ZX5T953G100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 1 2 3 4 5 MoreZetex Semiconductors
STN93003High voltage fast-switching PNP power transistor 1 2 3 4 5 MoreSTMicroelectronics
ZX5T953Z100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors
STN951Low voltage fast-switching PNP power transistor 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl