Electronic Components Datasheet Search
Selected language     English  ▼


STX817A Datasheet(PDF) 3 Page - STMicroelectronics

Part No. STX817A
Description  PNP Medium power transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 3 page
background image
STX817A
Electrical ratings
3/9
1
Electrical ratings
Table 2.
Thermal data
Table 1.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
-80
V
VCEO
Collector-emitter voltage (IB = 0)
-80
V
VEBO
Emitter-base voltage (IC = 0)
-5
V
IC
Collector current
-1.5
A
ICM
Collector peak current (tP < 5ms)
-2
A
IB
Base current
-0.3
A
IBM
Base peak current (tP < 5ms)
-0.6
A
Ptot
Total dissipation at Tamb = 25°C
0.9
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Symbol
Parameter
Value
Unit
Rthj-amb Thermal resistance junction-amb
__max
139
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FXT555PNP SILICON PLANAR MEDIUM POWER TRANSISTOR 1 Zetex Semiconductors
STF817APNP MEDIUM POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
ZX5T953Z100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors
ZX5T953G100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 1 2 3 4 5 MoreZetex Semiconductors
2N5195_00MEDIUM POWER PNP SILICON TRANSISTOR 1 2 3 4 5 STMicroelectronics
2SB772PNP MEDIUM POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
STD888T4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STN93003High voltage fast-switching PNP power transistor 1 2 3 4 5 MoreSTMicroelectronics
ZX5T869Z25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl