Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6395 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6395
Description  Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6395 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6395 Datasheet HTML 1Page - ON Semiconductor 2N6395 Datasheet HTML 2Page - ON Semiconductor 2N6395 Datasheet HTML 3Page - ON Semiconductor 2N6395 Datasheet HTML 4Page - ON Semiconductor 2N6395 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 6
1
Publication Order Number:
2N6394/D
2N6394 Series
Preferred Device
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed primarily for half-wave ac control applications, such as
motor controls, heating controls and power supplies.
Features
Glass Passivated Junctions with Center Gate Geometry for Greater
Parameter Uniformity and Stability
Small, Rugged, Thermowatt Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
Blocking Voltage to 800 V
Pb−Free Packages are Available*
MAXIMUM RATINGS † (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
2N6394
2N6395
2N6397
2N6399
VDRM,
VRRM
50
100
400
800
V
On-State RMS Current
(180
° Conduction Angles; TC = 90°C)
IT(RMS)
12
A
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave, 60 Hz, TJ = 90°C)
ITSM
100
A
Circuit Fusing (t = 8.3 ms)
I2t
40
A2s
Forward Peak Gate Power
(Pulse Width
≤ 1.0 ms, TC = 90°C)
PGM
20
W
Forward Average Gate Power
(t = 8.3 ms, TC = 90°C)
PG(AV)
0.5
W
Forward Peak Gate Current
(Pulse Width
≤ 1.0 ms, TC = 90°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
MAXIMUM RATINGS † (TJ = 25°C unless otherwise noted)
Rating
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.0
°C/W
Maximum Lead Temperature for Soldering
Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
†Indicates JEDEC Registered Data
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
SCRs
12 AMPERES RMS
50 thru 800 VOLTS
K
G
A
Preferred devices are recommended choices for future use
and best overall value.
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
TO−220AB
CASE 221A
STYLE 3
1
2
3
4
2N639x = Device Code
x = 4, 5, 7, or 9
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
2N639xG
AYWW


Similar Part No. - 2N6395

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6395 MOTOROLA-2N6395 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6395 ONSEMI-2N6395 Datasheet
79Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 3
logo
Dc Components
2N6395 DCCOM-2N6395 Datasheet
34Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N6395 NJSEMI-2N6395 Datasheet
153Kb / 1P
   CASE TO-220AB
logo
Digitron Semiconductors
2N6395 DIGITRON-2N6395 Datasheet
319Kb / 5P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N6395

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
   TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com