Selected language     English  ▼


STX790A-AP Datasheet(PDF) 4 Page - STMicroelectronics

Part No. STX790A-AP
Description  Medium Current, High Performance, Low Voltage PNP Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 4 page
background image
Electrical characteristics
STX790A
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = -30V
VCB = -30V;
TC= 100°C
-10
100
µA
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = -4V
-10
µA
V(BR)CEO (2)
Collector-emitter
breakdown voltage
(IB =0)
IC = -10mA
-30
V
V(BR)CER (2)
Collector-emitter
breakdown voltage
(RBE = 47Ω)
IC = -10mA
-40
V
V(BR)CBO
Collector-base
breakdown voltage
(IE =0)
IC = -100µA
-40
V
V(BR)EBO
Emitter-base breakdown
voltage (IC =0)
IE = -100µA
-5
V
VCE(sat) (2) Collector-emitter
saturation voltage
IC = -0.5A
IB = -5mA
IC = -1.2A
IB = -20mA
IC = -2A
IB = -20mA
IC = -3A
IB = -100mA
IC = -3A
IB = -100mA
TJ = 100°C
-0.15
-0.25
-0.5
-0.7
-0.9
V
V
V
V
V
VBE(sat) (2)
Base-emitter saturation
voltage
IC = -1A
IB = -10mA
-0.8
-1
V
VBE(on) (2) Base-emitter on voltage
IC = -1A
VCE = -2V
-0.8
-1
V
hFE (2)
DC current gain
IC = -10mA
VCE = -2V
IC = -500mA
VCE = -2V
IC = -1A
VCE = -2V
IC = -2A
VCE = -1V
IC = -3A
VCE = -1V
100
100
100
100
90
200
200
160
130
400
400




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STD790AT4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STD888T4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STN790A_06Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
STN888HIGH CURRENT HIGH PERFORMANCE LOW VOLTAGE PNP TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
2STF2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
2STX2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
ZX5T953G100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 1 2 3 4 5 MoreZetex Semiconductors
STN93003High voltage fast-switching PNP power transistor 1 2 3 4 5 MoreSTMicroelectronics
ZX5T953Z100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors
STN951Low voltage fast-switching PNP power transistor 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl