Selected language     English  ā–¼


STX13005-AP Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STX13005-AP
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 1 page
background image
1/9
February 2005
n
HIGH VOLTAGE CAPABILITY
n
LOW SPREAD OF DYNAMIC PARAMETERS
n
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
n
VERY HIGH SWITCHING SPEED
APPLICATION
n
COMPACT FLUORESCENT LAMPS (CFLS)
n
SWITCH MODE POWER SUPPLIES (AC /
DC CONVERTERS)
DESCRIPTION
The device is manufactured using high voltage
Multi-Epitaxial
Planar
technology
for
high
switching speeds and high voltage capability.
It uses a Cellular Emitter structure with planar
edge termination to enhance switching speeds
while maintaining a wide RBSOA.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 1: Order Code
Table 2: Absolute Maximum Ratings
TO-92
Part Number
Marking
Package
Packaging
STX13005
X13005
TO-92
Bulk
STX13005-AP
X13005
TO-92 AP
Ammopack
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
700
V
VCEO
Collector-Emitter Voltage (IB= 0)
400
V
VEBO
Emitter-Base Voltage (IC= 0, IB = 1.5 A, tp < 10ms)
V(BR)EBO
V
IC
Collector Current
3A
ICM
Collector Peak Current (tp < 5ms)
6A
IB
Base Current
1.5
A
IBM
Base Peak Current (tp < 5ms)
3A
Ptot
Total Dissipation at TC = 25 oC
2.8
W
STX13005
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
Rev. 2




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUL416_05HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BUL903EDFPHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
ST13003_01HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BUL705High voltage fast-switching NPN Power Transistor 1 2 3 4 5 MoreSTMicroelectronics
BUL1203EFPHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
ST13005_01HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BUL742AHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 STMicroelectronics
BUL1403ED_02HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
ST13005NHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl