Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-H1CA012T Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-H1CA012T
Description  POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H1CA012T Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FTR-H1CA012T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H1CA012T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H1CA012T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H1CA012T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H1CA012T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H1CA012T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H1CA012T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H1CA012T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FTR-H1 SERIES
n
DIMENSIONS
28.0+0.3
0.2
0.9
0.4
3.5
20.0
(2.1)
(2.65)
7.5
0.3
1.0
12.8+0.3
COM
NO
1
2
5
3
4-ø1.3
3.5
20.0
(2.1)
28.0+0.3
0.2
0.2
0.9
0.4
3.5
3.5
20.0
(2.1)
(2.65)
7.5
0.3
1.0
12.8+0.3
COM
NO
NC
1
2
5
4
3
5-ø1.3
3.5 3.5
20.0
(2.1)
l
Dimensions
FTR-H1A type
l
Schematics
(BOTTOM VIEW)
n PC board mounting
hole layout
(BOTTOM VIEW)
FTR-H1C type
Unit: mm
200
100
50
20
10
5
2
200
500
1000
2000
500
Break
Make
100
10
8
6
4
2
0
Operate
Operation (x104)
Operation (x104)
Operation (x104)
Release
Mechanical life test
Electrical life test
Electrical life test
200
100
50
20
10
5
2
500
10
8
6
4
2
0
10
Initial
10
Initial
500
200
100
50
20
10
5
2
10
8
6
4
2
0
FTR-HICA012V
n=10
1200 OP./Min.
FTR-HICA012V
n=10
10 Operations/minute
DC30V, 0 A (resistive)
FTR-HICA012V
n=10
10 OP./Min.
AC250 V, 10A (Resistive)
Break
Make
Break
Make
Operate
Release
Operate
Release
5 5
5
5
5
5
5
5 5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
n
REFERENCE DATA
100
80
60
40
20
0
10
20
30
40
50
60
70
Nominal voltage multiplying factor (%)
Operate
Release
80
Distribution of operate and release voltage
0
1
2
3
4
5
6
7
Time (ms)
100
80
60
40
20
Operate
Release
8
Distribution of operate and release time
0
2
4
6
8
10
12
14
100
80
60
40
20
Contact resistance (m )
Make
Break
Distribution of contact resistance


Similar Part No. - FTR-H1CA012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1CA012TRG FUJITSU-FTR-H1CA012TRG Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
More results

Similar Description - FTR-H1CA012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com