Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6505 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6505
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6505 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6505 Datasheet HTML 1Page - ON Semiconductor 2N6505 Datasheet HTML 2Page - ON Semiconductor 2N6505 Datasheet HTML 3Page - ON Semiconductor 2N6505 Datasheet HTML 4Page - ON Semiconductor 2N6505 Datasheet HTML 5Page - ON Semiconductor 2N6505 Datasheet HTML 6Page - ON Semiconductor 2N6505 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
2N6504/D
2N6504 Series
Preferred Device
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed primarily for half-wave ac control applications, such as
motor controls, heating controls and power supply crowbar circuits.
Features
Glass Passivated Junctions with Center Gate Fire for Greater
Parameter Uniformity and Stability
Small, Rugged, Thermowatt Constructed for Low Thermal
Resistance, High Heat Dissipation and Durability
Blocking Voltage to 800 Volts
300 A Surge Current Capability
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCRs
25 AMPERES RMS
50 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
K
G
A
TO−220AB
CASE 221A
STYLE 3
1
2
3
4
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
MARKING
DIAGRAM
2N650xG
AYWW
x
= 4, 5, 7, 8 or 9
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Device
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - 2N6505

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6505 ONSEMI-2N6505 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N6505 NJSEMI-2N6505 Datasheet
204Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N6505 DIGITRON-2N6505 Datasheet
212Kb / 4P
   SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
Kersemi Electronic Co.,...
2N6505 KERSEMI-2N6505 Datasheet
402Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - 2N6505

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_12 Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC223FP NJSEMI-MAC223FP Datasheet
142Kb / 2P
   ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com