Selected language     English  ▼


2SC4617_04 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 2SC4617_04
Description  NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 4
1
Publication Order Number:
2SC4617/D
2SC4617
NPN Silicon General
Purpose Amplifier
Transistor
This NPN transistor is designed for general purpose amplifier
applications. This device is housed in the SC−75/SOT-416 package
which is designed for low power surface mount applications, where
board space is at a premium.
Features
Pb−Free Package is Available*
Reduces Board Space
High h
FE, 210 −460 (typical)
Low V
CE(sat), < 0.5 V
Available in 8 mm, 7 inch/3000 Unit Tape and Reel
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
NPN GENERAL PURPOSE
AMPLIFIER TRANSISTORS
SURFACE MOUNT
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
SC−75
CASE 463
STYLE 1
MARKING DIAGRAM
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
B9
= Specific Device Code
M
= Date Code
B9 M
1




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
DTC114EM3T5GDigital Transistors BRT NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
EMD4DXV6T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 ON Semiconductor
EMF5XV6T5Power Management Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl