Selected language     English  ▼


2SC4617_04 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. 2SC4617_04
Description  NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
2SC4617
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. IC − VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. On Voltage
IC, COLLECTOR CURRENT (mA)
60
0
50
40
30
20
10
0
24
6
8
TA = 25°C
160 mA
140 mA
120 mA
100 mA
80 mA
60 mA
40 mA
IB = 20 mA
1000
0.1
100
10
1
10
100
TA = 25°C
TA = −25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80 100 150 200
TA = 25°C
VCE = 5 V
0
Figure 5. Capacitance
VCB (V)
Figure 6. Capacitance
VEB (V)
20
0
18
16
14
12
10
12
3
4
7
0
6
5
4
3
2
1
10
20
30
40




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor
MSD42SWT1NPN Silicon General Purpose High Voltage Transistor 1 2 ON Semiconductor
DTC114EM3T5GDigital Transistors BRT NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N3903_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
EMD4DXV6T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 ON Semiconductor
EMF5XV6T5Power Management Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N4123_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl