Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3004D2 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA3004D2
Description  12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3004D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA3004D2_07 Datasheet HTML 1Page - Texas Instruments TPA3004D2_07 Datasheet HTML 2Page - Texas Instruments TPA3004D2_07 Datasheet HTML 3Page - Texas Instruments TPA3004D2_07 Datasheet HTML 4Page - Texas Instruments TPA3004D2_07 Datasheet HTML 5Page - Texas Instruments TPA3004D2_07 Datasheet HTML 6Page - Texas Instruments TPA3004D2_07 Datasheet HTML 7Page - Texas Instruments TPA3004D2_07 Datasheet HTML 8Page - Texas Instruments TPA3004D2_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPA3004D2
SLOS407D − FEBRUARY 2003 − REVISED AUGUST 2004
www.ti.com
5
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NO.
NAME
I/O
DESCRIPTION
VAROUTR
32
O
Variable output for right channel audio. Line level output for driving external HP amplifier.
VCLAMPL
25
Internally generated voltage supply for left channel bootstrap capacitors.
VCLAMPR
36
Internally generated voltage supply for right channel bootstrap capacitors.
VOLUME
11
I
DC voltage that sets the gain of the Class-D and VAROUT outputs.
VREF
8
I
Analog reference for gain control section.
V2P5
4
O
2.5-V Reference for analog cells, as well as reference for unused audio input when using single-ended inputs.
Thermal
Pad
Connect to AGND and PGND—should be center point for both grounds.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage range: AVCC, PVCC
−0.3 V to 20 V
Load impedance, RL
≥ 3.6 Ω
MODE, VREF, VARDIFF, VARMAX, VOLUME, FADE
0 V to 5.5 V
Input voltage range, VI
SD
−0.3 V to VCC + 0.3 V
Input voltage range, VI
RINN, RINP, LINN, LINP
−0.3 V to 7 V
Supply current
AVDD
120 mA
Supply current
AVDDREF
10 mA
Output current
VAROUTL, VAROUTR
20 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
−40
°C to 85°C
Operating junction temperature range, TJ(2)
−40
°C to 150°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) The TPA3004D2 incorporates an exposed PowerPAD on the underside of the chip. This acts as a heatsink and must be connected to a thermally
dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature that could permanently
damage the device. See TI Technical Brief SLMA002 for more information about utilizing the PowerPAD thermally enhanced package.
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PHP
4.3 W
34.7 mW/
°C(1)
2.7 W
2.2 W
(1) The PowerPAD must be soldered to a thermal land on the printed circuit board. Please refer to the PowerPAD
Thermally Enhanced Package application note (SLMA002


Similar Part No. - TPA3004D2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TPA3004D2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com