Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6509G Datasheet(PDF) 7 Page - ON Semiconductor

Part # 2N6509G
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6509G Datasheet(HTML) 7 Page - ON Semiconductor

  2N6509G Datasheet HTML 1Page - ON Semiconductor 2N6509G Datasheet HTML 2Page - ON Semiconductor 2N6509G Datasheet HTML 3Page - ON Semiconductor 2N6509G Datasheet HTML 4Page - ON Semiconductor 2N6509G Datasheet HTML 5Page - ON Semiconductor 2N6509G Datasheet HTML 6Page - ON Semiconductor 2N6509G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2N6504 Series
http://onsemi.com
7
PACKAGE DIMENSIONS
TO−220AB
CASE 221A−09
ISSUE AA
STYLE 3:
PIN 1. CATHODE
2. ANODE
3. GATE
4. ANODE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
2N6504/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - 2N6509G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6509G ISC-2N6509G Datasheet
220Kb / 1P
   isc Thyristors
More results

Similar Description - 2N6509G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_12 Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC223FP NJSEMI-MAC223FP Datasheet
142Kb / 2P
   ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com