Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3101D2RGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3101D2RGZT
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3101D2RGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3101D2RGZT Datasheet HTML 5Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 6Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 7Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 8Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 9Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 10Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 11Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 12Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.ti.com
0.1
1
10
0.01
PO − Output Power − W
10 m
100 m
1
10 20
40
VCC = 12 V
RL = 8 Ω
Gain = 32 dB
1 kHz
20 Hz
10 kHz
Power Beyond 10 W
May Require More
Heatsinking.
0.1
1
10
0.01
PO − Output Power − W
10 m
100 m
1
10
20
40
1 kHz
10 kHz
20 Hz
VCC = 18 V
RL = 8 Ω
Gain = 32 dB
Power Beyond 10 W
May Require More
Heatsinking.
0.1
1
10
0.01
PO − Output Power − W
10 m
100 m
1
10 20
40
VCC = 24 V
RL = 8 Ω
Gain = 32 dB
1 kHz
20 Hz
Power Beyond 10 W
May Require More
Heatsinking.
10 kHz
0.1
1
10
0.01
PO − Output Power − W
10 m
100 m
1
10 20 40
VCC = 12 V
RL = 4 Ω
Gain = 32 dB
Power Beyond 10 W
May Require More
Heatsinking.
1 kHz
20 Hz
10 kHz
TPA3101D2
SLOS473A – DECEMBER 2005 – REVISED FEBRUARY 2006
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
9
Submit Documentation Feedback


Similar Part No. - TPA3101D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3101D2RGZT TI-TPA3101D2RGZT Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2RGZTG4 TI-TPA3101D2RGZTG4 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3101D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com