Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6010A4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA6010A4
Description  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4 Datasheet(HTML) 4 Page - Texas Instruments

  TPA6010A4_07 Datasheet HTML 1Page - Texas Instruments TPA6010A4_07 Datasheet HTML 2Page - Texas Instruments TPA6010A4_07 Datasheet HTML 3Page - Texas Instruments TPA6010A4_07 Datasheet HTML 4Page - Texas Instruments TPA6010A4_07 Datasheet HTML 5Page - Texas Instruments TPA6010A4_07 Datasheet HTML 6Page - Texas Instruments TPA6010A4_07 Datasheet HTML 7Page - Texas Instruments TPA6010A4_07 Datasheet HTML 8Page - Texas Instruments TPA6010A4_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VDD
Supply voltage
6 V
VI
Input voltage
-0.3 V to VDD +0.3 V
Continuous total power dissipation
Internally Limited (see Dissipation Rating Table)
TA
Operating free-air temperature range
-40
°C to 85°C
TJ
Operating junction temperature range
-40
°C to 150°C
Tstg
Storage temperature range
-65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP
2.7 W(1)
21.8 mW/
°C
1.7 W
1.4 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (SLMA002), for more information on
the PowerPAD™ package. The thermal data was measured on a PCB layout based on the information in the section entitled Texas
Instruments Recommended Board for PowerPAD on page 33 of the before mentioned document.
MIN
MAX
UNIT
VDD
Supply voltage
4.5
5.5
V
SE/BTL, HP/LINE
0.8
× V
DD
VIH
High-level input voltage
V
SHUTDOWN, BBENABLE
2
SE/BTL, HP/LINE
0.6
× V
DD
VIL
Low-level input voltage
V
SHUTDOWN, BBENABLE
0.8
TA
Operating free-air temperature
-40
85
°C
at specified free-air temperature, V
DD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage (measured differentially)
AV = 6 dB
35
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
67
dB
SHUTDOWN, SE/BTL, HP/LINE,
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
1
µA
VOLUME, BUFFGAIN, BBENABLE
SHUTDOWN, SE/BTL, HP/LINE,
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0 V
1
µA
VOLUME, BUFFGAIN, BBENABLE
BTL mode, SHUTDOWN = 2 V,
12
18
SE/BTL = 0.6
× V
DD
IDD
Supply current
mA
SE mode, SHUTDOWN = 2 V,
6.5
10
SE/BTL = 0.8
× V
DD
PC-BEEP = 2.5 V,
95
250
SHUTDOWN = 0 V
IDD(SD) Supply current, shutdown mode
µA
PC-BEEP = 0 V,
62
200
SHUTDOWN = 0 V
4


Similar Part No. - TPA6010A4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Similar Description - TPA6010A4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com