Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6010A4PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6010A4PWP
Description  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPA6010A4PWP Datasheet HTML 1Page - Texas Instruments TPA6010A4PWP Datasheet HTML 2Page - Texas Instruments TPA6010A4PWP Datasheet HTML 3Page - Texas Instruments TPA6010A4PWP Datasheet HTML 4Page - Texas Instruments TPA6010A4PWP Datasheet HTML 5Page - Texas Instruments TPA6010A4PWP Datasheet HTML 6Page - Texas Instruments TPA6010A4PWP Datasheet HTML 7Page - Texas Instruments TPA6010A4PWP Datasheet HTML 8Page - Texas Instruments TPA6010A4PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
LOUT−
BBENABLE
BYPASS
LIN
LHPIN
LLINEIN
PC-BEEP
RLINEIN
RHPIN
RIN
SHUTDOWN
HP/LINE
ROUT−
LOUT+
CLK
LDOCKOUT
PVDD
BUFFGAIN
VOLUME
VDD
BBIN
BBOUT
PVDD
RDOCKOUT
SE/BTL
ROUT+
GND
DESCRIPTION
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND
DC VOLUME CONTROL
PWP PACKAGE
Compatible With PC 99 Desktop Line-Out Into
(TOP VIEW)
10-k
Ω Load
Compatible With PC 99 Portable Into 8-
Ω Load
Internal Gain Control, Which Eliminates
External Gain-Setting Resistors
DC Volume and Gain Control Adjustable From
34 dB to -86 dB
Bass Boost
Buffered Docking Station Outputs
2.7-W/Ch Output Power Into 3-
Ω Load
PC-Beep Input
Depop Circuitry
Stereo Input MUX
Fully Differential Input
Low Supply Current and Shutdown Current
Surface-Mount Power Packaging 28-Pin
TSSOP PowerPAD™
The TPA6010A4 is a stereo audio power amplifier in a 28-pin TSSOP thermally enhanced package capable of
delivering 2.7 W of continuous RMS output power into 3-
Ω loads. When driving 1 W into 8-Ω speakers, the
TPA6010A4 has less than 0.22% THD+N across its specified frequency range.
The TPA6010A4 has several features optimized for notebook PCs including bass boost, docking station outputs,
dc volume control, and dc gain control.
The TPA6010A4 has a buffer and volume control gain stage that are set by dc voltages. The buffer has a
differential input and a differential output. The gain of the buffer, which is controlled by the dc voltage on the
BUFFGAIN terminal, is adjustable from -46 dB to 14 dB. The docking station output is 6 dB lower than the buffer
gain because the buffer has a differential output and the docking station output is taken from just one of the
buffer outputs. The volume control amplifier is adjustable from -34 dB to 20 dB in BTL mode and is 6 dB lower in
SE mode. The volume control stage is adjustable by dc voltage on the VOLUME terminal. The amplifier gain
from input-to-speaker is the sum of the volume control and the buffer gain. The input-to-speaker gain is
adjustable from -86 dB to 34 dB in BTL mode and -92 dB to 28 dB in the SE mode.
The bass boost of the amplifier sums the right and left inputs, adds gain, filters out the high frequencies, and
then adds the bass boost signal back into the output power amplifier. The frequency of the bass boost is
adjusted by adding an RC filter from BBOUT to BBIN. The gain of the bass boost is set to 12 dB if the same
bass is present in both the right and left channels. If the bass is present in just one of the channels, the gain of
the bass is set to 9.5 dB. The gain can be reduced by adding a voltage divider from BBIN to BBOUT. If not using
the bass boost, pull the BBENABLE pin low.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA6010A4PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Similar Description - TPA6010A4PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com