Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2112A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2112A
Description  AUTOSWITCHING POWER MUX
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2112A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2112A Datasheet HTML 7Page - Texas Instruments TPS2112A Datasheet HTML 8Page - Texas Instruments TPS2112A Datasheet HTML 9Page - Texas Instruments TPS2112A Datasheet HTML 10Page - Texas Instruments TPS2112A Datasheet HTML 11Page - Texas Instruments TPS2112A Datasheet HTML 12Page - Texas Instruments TPS2112A Datasheet HTML 13Page - Texas Instruments TPS2112A Datasheet HTML 14Page - Texas Instruments TPS2112A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TPS2112A
TPS2113A
SBVS045A − MARCH 2004 − REVISED FEBRUARY 2006
www.ti.com
11
TYPICAL CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.1
1
10
100
RL = 10 Ω
RL = 50 Ω
VI = 5 V
CL − Load Capacitance − µF
OUTPUT SWITCHOVER VOLTAGE DROOP
vs
LOAD CAPACITANCE
Figure 5
Output Switchover Voltage Droop Test Circuit
0.1
µF
1
µF
10
µF
47
µF
100
µF
50
10
0.1
µF
f = 28 Hz
50% Duty Cycle
STAT
EN
VSNS
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2113APW
0.1
µF
400
VI
NC
1 k
SW1
NOTE: To initialize the TPS2113A for this test, set input VSNS equal to 0 V, turn on the supply Vi, and then turn on switch SW1.


Similar Part No. - TPS2112A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112APW TI-TPS2112APW Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
logo
ATMEL Corporation
TPS2112APW ATMEL-TPS2112APW Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPS2112APWR TI-TPS2112APWR Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Similar Description - TPS2112A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com