Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA4411RTJRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4411RTJRG4
Description  80-mW DIRECTPATH STEREO HEADPHONE DRIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4411RTJRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA4411RTJRG4 Datasheet HTML 7Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 8Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 9Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 10Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 11Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 12Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 13Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 14Page - Texas Instruments TPA4411RTJRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 1.8 V,
RL = 32 Ω
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1 k
10 k
100 k
1.8 V
3 V
4.5 V
RL = 32 Ω
f − Frequency − Hz
3.6 V
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 1.8 V,
RL = 16 Ω
0
50
100
150
200
250
300
0
50
100
150
200
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3 V,
RL = 16 Ω
PO − Output Power − mW
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 16 Ω
0
20
40
60
80
100
120
140
160
0
50
100
150
200
PO − Output Power − mW
In Phase
VDD = 3 V,
RL = 32 Ω
180
° Out of Phase
PO − Output Power − mW
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 32 Ω
0
50
100
150
200
250
0
50
100
150
200
250
300
350
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 3.6 V,
RL = 32 Ω
0
100
200
300
400
500
600
0
50
100
150
200
250
PO − Output Power − mW
In Phase
180
° Out of Phase
VDD = 4.5 V,
RL = 16 Ω
TPA4411
TPA4411M
SLOS430C – AUGUST 2004 – REVISED DECEMBER 2006
SUPPLY VOLTAGE
REJECTION RATIO
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
FREQUENCY
OUTPUT POWER
OUTPUT POWER
Figure 34.
Figure 35.
Figure 36.
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 37.
Figure 38.
Figure 39.
POWER DISSIPATION
POWER DISSIPATION
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 40.
Figure 41.
Figure 42.
11


Similar Part No. - TPA4411RTJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411RTJ TI-TPA4411RTJ Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
More results

Similar Description - TPA4411RTJRG4

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com