Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4122 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS4122
Description  Triple Air?묬ore Gauge Driver with Serial Input Bus
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4122 Datasheet(HTML) 3 Page - ON Semiconductor

  CS4122 Datasheet HTML 1Page - ON Semiconductor CS4122 Datasheet HTML 2Page - ON Semiconductor CS4122 Datasheet HTML 3Page - ON Semiconductor CS4122 Datasheet HTML 4Page - ON Semiconductor CS4122 Datasheet HTML 5Page - ON Semiconductor CS4122 Datasheet HTML 6Page - ON Semiconductor CS4122 Datasheet HTML 7Page - ON Semiconductor CS4122 Datasheet HTML 8Page - ON Semiconductor CS4122 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CS4122
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TA ≤ 105°C, 7.5 V ≤ VBB ≤ 14 V, 4.5 V ≤ VCC ≤ 5.5 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Voltages and Currents
Analog Supply Current
VBB = 14 V, no coil loads,
RCOS, RSIN = 150 W
Major @ 45
° (code = 08016),
Both Minors @ 0
° (codes = 0016)
Major @ 0
° (code = 00016),
Both Minors @ 56
° (codes = 8016)
5.20
310
81
25
340
100
mA
mA
mA
Logic Supply Current
VCC = 5.5 V
SCLK = 2.0 MHz
SCLK = 0 MHz, VBB = 0 V
1.0
0.9
2.0
1.5
mA
mA
Protection and Power−on Reset
Thermal Shutdown
Drive Outputs Off
160
°C
Power−on Reset
VCC Rising
VCC Falling
2.5
4.5
V
V
Digital Inputs and Outputs
Output High Voltage
SO = IOUT(HIGH) = 0.8 mA
VCC − 0.8
V
Output Low Voltage
SO = IOUT(LOW) = 1.5 mA
FAULT, IOUT(LOW) = 2.8 mA
0.4
0.8
V
V
FAULT Leakage Current
VFAULT = 5.0 V
25
mA
Input High Voltage
CS, SCLK, SI
0.7
× VCC
V
Input Low Voltage
CS, SCLK, SI
0.3
× VCC
V
Input High Current
CS, SCLK, SI, VIN = 0.7 × VCC
1.0
mA
Input Low Current
CS, SCLK, SI, VIN = 0.3 × VCC
1.0
mA
SCLK Frequency
2.0
MHz
SCLK High Time
175
ns
SCLK Low Time
175
ns
SO Rise Time
0.75 V to VCC − 1.2 V; CL = 90 pF
100
ns
SO Fall Time
VCC − 1.2 V to 0.75 V; CL = 90 pF
100
ns
SO Delay Time
CL = 90 pF
150
ns
SI Setup Time
75
ns
SI Hold Time
75
ns
CS Setup Time
0
ns
CS Hold Time
75
ns
Analog Outputs
Output Function Accuracy
Major Accuracy
Minor Accuracy
±0.75
±1.00
°
°
Output Shutdown Current,
Source and Sink
VBB = Max
VBB = Min
70
43
mA
mA
Major Coil Drive Output
Voltage
0.748
× VBB
V
Minor Coil Drive Output
Voltage
0.744
× VBB
V
VBB/2
IDR(VBB/2) = ±50 mA
(0.5
× VBB) − 0.1
(0.5
× VBB) + 0.1
V
Minimum Load Resistance
TA = 105°C
TA = 25°C
TA = −40°C
229
171
150
W
W
W


Similar Part No. - CS4122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
logo
Power Analog Micoelectr...
CS412299C PAM-CS412299C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
ON Semiconductor
CS4122XDWF24 ONSEMI-CS4122XDWF24 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4122XDWFR24 ONSEMI-CS4122XDWFR24 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
More results

Similar Description - CS4122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
   3-channel air-core gauge driver with serial interface
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
   TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com