Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101EDW16G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5101EDW16G
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5101EDW16G Datasheet(HTML) 1 Page - ON Semiconductor

  CS5101EDW16G Datasheet HTML 1Page - ON Semiconductor CS5101EDW16G Datasheet HTML 2Page - ON Semiconductor CS5101EDW16G Datasheet HTML 3Page - ON Semiconductor CS5101EDW16G Datasheet HTML 4Page - ON Semiconductor CS5101EDW16G Datasheet HTML 5Page - ON Semiconductor CS5101EDW16G Datasheet HTML 6Page - ON Semiconductor CS5101EDW16G Datasheet HTML 7Page - ON Semiconductor CS5101EDW16G Datasheet HTML 8Page - ON Semiconductor CS5101EDW16G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 6
1
Publication Order Number:
CS5101/D
CS5101
Secondary Side Post
Regulator for AC/DC and
DC/DC Multiple Output
Converters
The CS5101 is a bipolar monolithic secondary side post regulator
(SSPR) which provides tight regulation of multiple output voltages in
AC/DC or DC/DC converters. Leading edge pulse width modulation
is used with the CS5101.
The CS5101 is designed to operate over an 8.0 V to 45 V supply
voltage (VCC) range and up to a 75 V drive voltage (VC).
The CS5101 features include a totem pole output with 1.5 A peak
output current capability, externally programmable overcurrent
protection, an on chip 2.0% precision 5.0 V reference, internally
compensated error amplifier, externally synchronized switching
frequency, and a power switch drain voltage monitor. It is available in
a 14 lead plastic DIP or a 16 lead wide body SOIC package.
Features
1.5 A Peak Output (Grounded Totem Pole)
8.0 V to 75 V Gate Drive Voltage
8.0 V to 45 V Supply Voltage
300 ns Propagation Delay
1.0% Error Amplifier Reference Voltage
Lossless Turn On and Turn Off
Sleep Mode: < 100 mA
Overcurrent Protection with Dedicated Differential Amp
Synchronization to External Clock
External Power Switch Drain Voltage Monitor
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
A
= Assembly Location
WL = Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
1
14
1
16
http://onsemi.com
PDIP−14
N SUFFIX
CASE 646
MARKING DIAGRAMS AND
PIN ASSIGNMENTS
SO−16WB
DW SUFFIX
CASE 751G
1
16
SO−16WB
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
VD
SYNC
1
VC
VCC
VG
VREF
PGND
LGND
IS COMP
VFB
IS−
COMP
IS+
RAMP
14
IS+
RAMP
1
16
IS−
COMP
IS COMP
VFB
PGND
AGND
PGND
DGND
VG
VREF
VC
VCC
VD
SYNC
PDIP−14


Similar Part No. - CS5101EDW16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101EDW16 CHERRY-CS5101EDW16 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
More results

Similar Description - CS5101EDW16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
[Old version datasheet]   Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com