Electronic Components Datasheet Search |
|
CS5112YDWFR24 Datasheet(PDF) 2 Page - ON Semiconductor |
|
CS5112YDWFR24 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 13 page CS5112 http://onsemi.com 2 Figure 1. Block Diagram VFB1 VFB2 SELECT COMP IBIAS COSC VREG CDELAY WDI Multiplexer Oscillator Bandgap Reference Switcher Error Amplifier COMP Logic − + + − Base Drive Current Sense Amplifier + − Linear Error Amplifier + − 1.4 A VIN VSW GND ENABLE VLIN RESET Switcher Shutdown Current Limit Over Temperature 1.25 V RESET & Watchdog Timer MAXIMUM RATINGS Rating Value Unit Logic Inputs/Outputs (ENABLE, SELECT, WDI, RESET) −0.3 to VLIN V VLIN −0.3 to 10 VIN, VREG: DC Input Voltage Peak Transient Voltage (26 V Load Dump @ 14 V VIN) −0.3 to 26 −0.3 to 40 V V VSW Peak Transient Voltage 54 V COSC, CDelay, COMP, VFB1, VFB2 −0.3 to VLIM V Power Dissipation Internally Limited − VLIN Output Current Internally Limited − VSW Output Current Internally Limited − RESET Output Sink Current 5.0 mA ESD Susceptibility (Human Body Model) 2.0 kV ESD Susceptibility (Machine Model) 200 V Storage Temperature −65 to 150 °C Lead Temperature Soldering: Reflow: (SMD styles only) (Note 1) 230 peak °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. 60 second maximum above 183 °C. |
Similar Part No. - CS5112YDWFR24 |
|
Similar Description - CS5112YDWFR24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |