Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP21 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBP21
Description  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBP21_04 Datasheet HTML 6Page - STMicroelectronics LNBP21_04 Datasheet HTML 7Page - STMicroelectronics LNBP21_04 Datasheet HTML 8Page - STMicroelectronics LNBP21_04 Datasheet HTML 9Page - STMicroelectronics LNBP21_04 Datasheet HTML 10Page - STMicroelectronics LNBP21_04 Datasheet HTML 11Page - STMicroelectronics LNBP21_04 Datasheet HTML 12Page - STMicroelectronics LNBP21_04 Datasheet HTML 13Page - STMicroelectronics LNBP21_04 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LNBP21
10/24
Table 6: Gate And Sense Electrical Characteristics (TJ = 0 to 85°C, VIN=12V)
Table 7: I2C Electrical Characteristics (TJ = 0 to 85°C, VIN=12V)
Table 8: Address Pin Characteristics (TJ = 0 to 85°C, VIN=12V)
IOBK
Output Backward Current
EN=0
VOBK = 18V
-4
-10
mA
TSHDN Temperature Shutdown
Threshold
150
°C
∆T
SHDN
Temperature Shutdown
Hysteresis
15
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDSON-L Gate LOW RDSON
IGATE=-100mA
4.5
RDSON-H Gate LOW RDSON
IGATE=100mA
4.5
VSENSE Current Limit Sense Voltage
200
mV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
LOW Level Input Voltage
SDA, SCL
0.8
V
VIH
HIGH Level Input Voltage
SDA, SCL
2
V
IIH
Input Current
SDA, SCL, VIN= 0.4 to 4.5v
-10
10
µA
VIL
DSQIN Input Pin Logic
LOW
SDA (open drain), IOL = 6mA
0.6
V
fMAX
Maximum Clock Frequency SCL
500
KHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VADDR-1 "0001000" Addr Pin Voltage
0
0.7
V
VADDR-2 "0001001" Addr Pin Voltage
1.3
1.7
V
VADDR-3 "0001010" Addr Pin Voltage
2.3
2.7
V
VADDR-4 "0001011" Addr Pin Voltage
3.3
5
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - LNBP21_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP21D2 STMICROELECTRONICS-LNBP21D2 Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBP21D2-TR STMICROELECTRONICS-LNBP21D2-TR Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBP21PD STMICROELECTRONICS-LNBP21PD Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBP21PD-TR STMICROELECTRONICS-LNBP21PD-TR Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
More results

Similar Description - LNBP21_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP21 STMICROELECTRONICS-LNBP21 Datasheet
693Kb / 20P
   LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
October 2002
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
November 2002
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
   Dual LNB supply and control IC with Step-Up converter and I2C interface
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
   DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
   LNB supply and control IC with step-up and I2C interface
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
   LNB supply and control IC with step-up and I2C interface
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
   Dual LNB supply and control IC with step-up and I2C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com