Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5101EDWR16 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5101EDWR16
Description  Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5101EDWR16 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5101EDWR16 Datasheet HTML 1Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 2Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 3Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 4Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 5Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 6Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 7Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 8Page - ON Semiconductor CS5101EDWR16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CS5101
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C ≤ TA ≤ 85°C, −40°C ≤ TJ ≤ 150°C, 10 V < VCC < 45 V, 8.0 V < VC < 75 V;
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
VG, High
VSYNC = 5.0 V, IVG = 200 mA, VC − VG
1.6
2.5
V
VG, Low
VSYNC = 0 V, IVG = 200 mA
0.9
1.5
V
VG Rise Time
Switch VSYNC High, CG = 1.0 nF, VCC = 15 V,
measure 2.0 V to 8.0 V
30
75
ns
VG Fall Time
Switch VSYNC Low, CG = 1.0 nF, VCC = 15 V,
measure 8.0 V to 2.0 V
40
100
ns
VG Resistance to GND
Remove supplies, VG = 10 V
50
100
kW
VD Resistance to GND
Remove supplies, VD = 10 V
500
1500
W
General
ICC, Operating
VSYNC = 5.0 V
12
18
mA
ICC in UVL
VCC = 6.0 V
300
500
mA
ICC in Sleep Mode High
VRAMP = 0 V, VCC = 45 V
80
200
mA
ICC in Sleep Mode Low
VRAMP = 0 V, VCC = 10 V
20
50
mA
IC, Operating High
VSYNC = 5.0 V, VFB = VIS− = 0 V, VC = 75 V
4.0
8.0
mA
IC, Operating Low
VSYNC = 5.0 V, VFB = VIS− = 0 V, VC = 8.0 V
3.0
6.0
mA
UVLO Start Voltage
7.4
8.0
9.2
V
UVLO Stop Voltage
6.4
7.0
8.3
V
UVLO Hysteresis
0.8
1.0
1.2
V
Leading Edge, tDELAY
VSYNC = 2.5 V to VG = 8.0 V
280
ns
Trailing Edge, tDELAY
VSYNC = 2.5 V to VG = 2.0 V
750
ns
PACKAGE PIN DESCRIPTION
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
PDIP−14
SO−16WB
1
1
SYNC
Synchronization input.
2
2
VCC
Logic supply (10 V to 45 V).
3
3
VREF
5.0 V voltage reference.
4
LGND
Logic level ground (analog and digital ground tied).
5
6
VFB
Error amplifier inverting input.
6
7
COMP
Error amplifier output and compensation.
7
8
RAMP
RAMP programmable with the external capacitor.
8
9
IS+
Current sense amplifier non−inverting input.
9
10
IS−
Current sense amplifier inverting input.
10
11
IS COMP
Current sense amplifier compensation and output.
11
12, 13
PGND
Power ground.
12
14
VG
External power switch gate drive.
13
15
VC
Output power stage supply voltage (8.0 V to 75 V).
14
16
VD
External FET DRAIN voltage monitor.
5
AGND
Analog ground.
4
DGND
Digital ground.


Similar Part No. - CS5101EDWR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101EDWR16 CHERRY-CS5101EDWR16 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
More results

Similar Description - CS5101EDWR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
[Old version datasheet]   Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com