Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9910DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9910DY
Description  Adaptive Power MOSFET Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9910DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9910DY Datasheet HTML 1Page - Vishay Siliconix SI9910DY Datasheet HTML 2Page - Vishay Siliconix SI9910DY Datasheet HTML 3Page - Vishay Siliconix SI9910DY Datasheet HTML 4Page - Vishay Siliconix SI9910DY Datasheet HTML 5Page - Vishay Siliconix SI9910DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si9910
Vishay Siliconix
www.vishay.com
2
Document Number: 70009
S-42043—Rev. H, 15-Nov-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to VSS Pin
VDD Supply Range
−0.3 V to 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin 1, 4, 5, 7, 8
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin 2
−0.7 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current
"20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current (Ipk)1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
8-Pin SOIC (Y Suffix)b
700 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8-Pin Plastic DIP (J Suffix)b
700 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 5.6 mW/_C above 25_C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
Limits
Parameter
Symbol
Unless Otherwise Specified
VDD 10.8 V to 16.5 V
TA = OperatingTemperature Range
Minc
Typb
Maxc
Unit
Input
High Level Input Voltage
VIH
0.70 x VDD
7.4
Low Level Input Voltage
VIL
6.0
0.35 x VDD
V
Input Voltage Hysteresis
Vh
0.90
2.0
3.0
High Level Input Current
IIH
VIN = VDD
"1
mA
Low Level Input Current
IIL
VIN = 0 V
"1
mA
Output
High Level Output Voltage
VOH
IOH = −200 mA
VDD −3
10.7
Low Level Output Voltage
VOL
IOL = 200 mA
1.3
3
Undervoltage Lockout
VUVLO
8.3
9.2
10.6
V
ISENSE Pin Threshold
VTH
Max IS = 2 mA, Input High
100 mV Change on Drain
0.5
0.66
0.8
V
Voltage Drain-Source Maximum
VDS
Input High
8.3
9.1
10.2
Input Current for VDS Input
IVDS
12
20.0
mA
Peak Output Source Current
IOS+
1
A
Peak Output Sink Current
IOS−
−1
Supply
Supply Range
VDD
10.8
16.5
V
Supply Current
IDD1
Output High, No Load
0.1
1
mA
Supply Current
IDD2
Output Low, No Load
100
500
mA
Dynamic
Propagation Delay Time Low to High Level
tPLH
120
Propagation Delay Time High to Low Level
tPHL
CL = 2000 pF
135
ns
Rise Time
tr
CL = 2000 pF
50
ns
Fall Time
tf
35
Overcurrent Sense Delay (VDS)
tDS
1
mS
Input Capacitance
Cin
5
pF
Notes
a.
Refer to PROCESS OPTION FLOWCHART for additional information.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.


Similar Part No. - SI9910DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9910DY VISHAY-SI9910DY Datasheet
51Kb / 5P
   Adaptive Power MOSFET Driver1
Rev. G, 19-Apr-04
SI9910DY-T1 VISHAY-SI9910DY-T1 Datasheet
51Kb / 5P
   Adaptive Power MOSFET Driver1
Rev. G, 19-Apr-04
More results

Similar Description - SI9910DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9910 VISHAY-SI9910 Datasheet
51Kb / 5P
   Adaptive Power MOSFET Driver1
Rev. G, 19-Apr-04
SI9910 VISHAY-SI9910_V01 Datasheet
287Kb / 8P
   Adaptive Power MOSFET Driver1
01-Jan-2022
logo
Unisonic Technologies
UL75 UTC-UL75 Datasheet
173Kb / 7P
   ADAPTIVE CONDUCTION LINEAR DRIVER
logo
Analog Devices
AD8393 AD-AD8393 Datasheet
83Kb / 1P
   Adaptive Linear Power 12 V ADSL-CO Line Driver
REV. SpA
AD8393 AD-AD8393_15 Datasheet
89Kb / 1P
   Adaptive Linear Power
REV. SpA
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
   Configurable Adaptive Cable Equalizer/Cable Driver
logo
Analog Devices
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
   Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
logo
Maxim Integrated Produc...
MAX3800 MAXIM-MAX3800 Datasheet
349Kb / 13P
   3.2Gbps Adaptive Equalizer and Cable Driver
19-1953; Rev 1; 11/01
MAX4420 MAXIM-MAX4420_V01 Datasheet
24Kb / 3P
   POWER MOSFET DRIVER
2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com