Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5201-1GSTR3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5201-1GSTR3G
Description  1.0 A Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-1GSTR3G Datasheet(HTML) 4 Page - ON Semiconductor

  CS5201-1GSTR3G Datasheet HTML 1Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 2Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 3Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 4Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 5Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 6Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 7Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 8Page - ON Semiconductor CS5201-1GSTR3G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CS5201−1
http://onsemi.com
4
10
Temperature (°C)
Frequency (Hz)
Figure 7. Adjust Pin Current vs.
Temperature
Figure 8. Ripple Rejection vs. Frequency
Time (mS)
VIN − VOUT (V)
Figure 9. Transient Response
Figure 10. Short Circuit Current vs.
VIN − VOUT
85
101
3.5
300
0
70
65
60
55
50
45
40
0
20 30 40 50 60 70 80 90 100 110 120 130
75
65
55
45
35
25
15
102
103
104
105
106
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
200
100
0
−100
−200
1000
500
0
12
345
67
89
10
IO = 10 mA
TCASE = 25°C
IOUT = 1.0 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.0 VPP
CAdj = 0.1 mF
VOUT = 3.3 V
COUT = CIN = 22 mF Tantalum
CAdj = 0.1 mF
APPLICATIONS INFORMATION
The CS5201−1 linear regulator provides adjustable voltages
at currents up to 1.0 A. The regulator is protected against
overcurrent conditions and includes thermal shutdown.
The CS5201−1 has a composite PNP−NPN output
transistor and requires an output capacitor for stability. A
detailed procedure for selecting this capacitor is included in
the Stability Considerations section.
Adjustable Operation
The CS5201−1 has an output voltage range of 1.25 V to
5.5 V. An external resistor divider sets the output voltage as
shown in Figure 11. The regulator maintains a fixed 1.25 V
(typical) reference between the output pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed current
to flow to ground. This current creates a voltage across R2
that adds to the 1.25 V across R1 and sets the overall output
voltage. The adjust pin current (typically 50
mA) also flows
through R2 and adds a small error that should be taken into
account if precise adjustment of VOUT is necessary.
The output voltage is set according to the formula:
VOUT + VREF
R1 ) R2
R1
) IAdj
R2
The term IAdj × R2 represents the error added by the adjust
pin current.


Similar Part No. - CS5201-1GSTR3G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1GSTR3 CHERRY-CS5201-1GSTR3 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
More results

Similar Description - CS5201-1GSTR3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
logo
Solid States Devices, I...
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
   ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com