Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83176R-735 Datasheet(PDF) 6 Page - Winbond

Part # W83176R-735
Description  DIMM DDR ZERO DELAY BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83176R-735 Datasheet(HTML) 6 Page - Winbond

Back Button W83176R-735 Datasheet HTML 2Page - Winbond W83176R-735 Datasheet HTML 3Page - Winbond W83176R-735 Datasheet HTML 4Page - Winbond W83176R-735 Datasheet HTML 5Page - Winbond W83176R-735 Datasheet HTML 6Page - Winbond W83176R-735 Datasheet HTML 7Page - Winbond W83176R-735 Datasheet HTML 8Page - Winbond W83176R-735 Datasheet HTML 9Page - Winbond W83176R-735 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
W83176R-735/W83176G-735
3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
Publication Release Date: March 31, 2006
- 3 -
Revision 1.1
4. PIN DESCRIPTION
IN - Input
OUT - Output
I/O - Bi-directional Pin
*- Internal 120k
Ω pull-up
4.1 Clock Outputs
SYMBOL
PIN
I/O
FUNCTION
CLKC[9:0]
26,30,40,43,4
7,23,19,9,6,2
OUT
Complementory Clocks of differential pair outputs
CLKT[9:0]
27,29,39,44,4
6,22,20,10,5,3
OUT
True Clocks of differential pair outputs
SDATA *
37
I/O
Serial data of I
2C 2-wire control interface
Internal pull-up resistor 120K to Vdd
SCLK *
12
IN
Serial clock of I
2C 2-wire control interface
Internal pull-up resistor 120K to Vdd
CLK_INT
13
IN
True reference clock input, 3.3V tolerant input
NC
14, 32,36
NONE Not connected
FB_OUTT
33
OUT
True Feedback output, dedicated for external
feedback. It switches at the same frequency as the
CLK. This output must be wired to FB_INT.
FB_INT
35
IN
True Feedback input, provides feedback signal to the
internal PLL for synchronization with CLK_INT to
eliminate phase error.
4.2 Power Pins
SYMBOL
PIN
FUNCTION
GND
1,7,8,18,24,25,31,41,42,48
 
Ground
VDD
4,11,15,21,28,34,38,45
Power Supply 2.5V
AVDD
16
Analog power supply, 2.5V
AGND
17
Analog ground


Similar Part No. - W83176R-735

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-735 WINBOND-W83176R-735 Datasheet
238Kb / 11P
   3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
More results

Similar Description - W83176R-735

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-735 WINBOND-W83176R-735 Datasheet
238Kb / 11P
   3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
W83176R-732 WINBOND-W83176R-732_06 Datasheet
402Kb / 12P
   2 DIMM DDR ZERO DELAY buffer for Sis chipset
logo
Integrated Circuit Syst...
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
   DDR and SDRAM Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
   DDR and SDRAM Zero Delay Buffer
08/01/03
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
   Zero Delay SDR/DDR Clock Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com