Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29201-5.0BT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC29201-5.0BT
Description  400mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29201-5.0BT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC29201-5.0BT Datasheet HTML 1Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 2Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 3Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 4Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 5Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 6Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 7Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 8Page - Micrel Semiconductor MIC29201-5.0BT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2920A/29201/29202/29204
Micrel, Inc.
M9999-021505
4
February 2005
Parameter
Conditions
Min
Typ
Max
Units
MIC29202, MIC29204
Reference Voltage
MIC29202
1.223
1.210
1.235
1.247
1.260
V
Reference Voltage
MIC29202 (Note 8)
1.204
1.266
V
Reference Voltage
MIC29204
1.210
1.200
1.235
1.260
1.270
V
Reference Voltage
MIC29204 (Note 8)
1.185
1.285
V
Adjust Pin
Bia Current
20
40
60
nA
Reference Voltage
Temperature
Coefficient
(Note 7)
20
ppm/°C
Adjust Pin Bias
Current Temperature
Coefficient
0.1
nA/°C
Error Comparator
MIC29201, MIC29204
Output Leakage
Current
V
OH = 26V
0.01
1.00
2.00
µA
Output Low
Voltage
V
IN = 4.5V
I
OL = 250µA
150
250
400
mV
Upper Threshold
Voltage
(Note 9)
40
25
60
mV
Lower Threshold
Voltage
(Note 9)
75
95
140
mV
Hysteresis
(Note 9)
15
mV
Shutdown Input
MIC29201, MIC29202, MIC29204
Input Logic Voltage
Low (ON)
High (OFF)
2.0
1.3
0.7
V
Shutdown Pin
Input Current
V
SHUTDOWN = 2.4V
30
50
100
µA
V
SHUTDOWN = 26V
450
600
750
µA
Regulator Output
Current in Shutdown
(Note 10)
3
10
20
µA


Similar Part No. - MIC29201-5.0BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29201-5.0BT MICREL-MIC29201-5.0BT Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
MIC29201-5.0BT MICREL-MIC29201-5.0BT Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29201-5.0BT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com