Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29201-3.3YM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC29201-3.3YM
Description  400mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29201-3.3YM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC29201-3.3YM Datasheet HTML 1Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 2Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 3Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 4Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 5Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 6Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 7Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 8Page - Micrel Semiconductor MIC29201-3.3YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2920A/29201/29202/29204
Micrel, Inc.
M9999-021505
2
February 2005
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
Standard
Pb-Free
MIC2920A-3.3BS
MIC2920A-3.3WS*
3.3V
-40°C to +125°C
SOT-223
MIC2920A-3.3BT
MIC2920A-3.3WT*
3.3V
-40°C to +125°C
TO-220-3
MIC2920A-4.8BS
MIC2920A-4.8WS*
4.85V
-40°C to +125°C
SOT-223
MIC2920A-4.8BT
MIC2920A-4.8WT*
4.85V
-40°C to +125°C
TO-220-3
MIC2920A-5.0BS
MIC2920A-5.0WS*
5.0V
-40°C to +125°C
SOT-223
MIC2920A-5.0BT
MIC2920A-5.0WT*
5.0V
-40°C to +125°C
TO-220-3
MIC2920A-12BS
MIC2920A-12WS*
12V
-40°C to +125°C
SOT-223
MIC2920A-12BT
MIC2920A-12WT*
12V
-40°C to +125°C
TO-220-3
MIC29201-3.3BM
MIC29201-3.3YM
3.3V
-40°C to +125°C
SO-8
MIC29201-3.3BT
MIC29201-3.3WT*
3.3V
-40°C to +125°C
TO-220-5
MIC29201-3.3BU
MIC29201-3.3WU*
3.3V
-40°C to +125°C
TO-263-5
MIC29201-4.8BT
MIC29201-4.8WT*
4.85V
-40°C to +125°C
TO-220-5
MIC29201-4.8BU
MIC29201-4.8WU*
4.85V
-40°C to +125°C
TO-263-5
MIC29201-5.0BT
MIC29201-5.0WT*
5.0V
-40°C to +125°C
TO-220-5
MIC29201-5.0BU
MIC29201-5.0WU*
5.0V
-40°C to +125°C
TO-263-5
MIC29201-12BT
MIC29201-12WT*
12V
-40°C to +125°C
TO-220-5
MIC29201-12BU
MIC29201-12WU*
12V
-40°C to +125°C
TO-263-5
MIC29202BT
MIC29202WT*
Adj
-40°C to +125°C
TO-220-5
MIC29202BU
MIC29202WU*
Adj
-40°C to +125°C
TO-263-5
MIC29204BM
MIC29204YM
5V and Adj
-40°C to +125°C
SO-8
MIC29204BN
MIC29204YN
5V and Adj
-40°C to +125°C
8-pin PDIP
* Pb-Free RoHS compliant with high-melting solder exemption.


Similar Part No. - MIC29201-3.3YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29201-3.3BM MICREL-MIC29201-3.3BM Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
MIC29201-3.3BM MICREL-MIC29201-3.3BM Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
MIC29201-3.3BT MICREL-MIC29201-3.3BT Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
MIC29201-3.3BT MICREL-MIC29201-3.3BT Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
MIC29201-3.3BU MICREL-MIC29201-3.3BU Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29201-3.3YM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com