Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2208BML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2208BML
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208BML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2208BML Datasheet HTML 4Page - Micrel Semiconductor MIC2208BML Datasheet HTML 5Page - Micrel Semiconductor MIC2208BML Datasheet HTML 6Page - Micrel Semiconductor MIC2208BML Datasheet HTML 7Page - Micrel Semiconductor MIC2208BML Datasheet HTML 8Page - Micrel Semiconductor MIC2208BML Datasheet HTML 9Page - Micrel Semiconductor MIC2208BML Datasheet HTML 10Page - Micrel Semiconductor MIC2208BML Datasheet HTML 11Page - Micrel Semiconductor MIC2208BML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Micrel, Inc.
MIC2208
Pin Description
VIN
Two pins for VIN provide power to the source of the
internal P-channel MOSFET along with the current
limiting sensing. The VIN operating voltage range is
from 2.7V to 5.5V. Due to the high switching speeds,
a 10
µF capacitor is recommended close to VIN and
the power ground (PGND) for each pin for
bypassing. Please refer to layout recommendations.
BIAS
The bias (BIAS) provides power to the internal
reference and control sections of the MIC2208. A 10
Ohm resistor from VIN to BIAS and a 0.1uF from
BIAS to SGND is required for clean operation.
EN
The enable pin provides a logic level control of the
output. In the off state, supply current of the device
is greatly reduced (typically <1
µA). Do not drive the
enable pin above the supply voltage.
FB
The feedback pin (FB) provides the control path to
control the output. For adjustable versions, a resistor
divider connecting the feedback to the output is used
to adjust the desired output voltage. The output
voltage is calculated as follows:
+
×
=
1
R2
R1
V
V
REF
OUT
where VREF is equal to 1.0V.
COMP
The COMP pin is the output of the internal error
amplifier. This pin is used to compensate the
MIC2208 for stability over a varying range of
external components. Refer to the compensation
section of the datasheet for determining nessasary
component values.
SW
The switch (SW) pin connects directly to the inductor
and provides the switching current nessasary to
operate in PWM mode. Due to the high speed
switching on this pin, the switch node should be
routed away from sensitive nodes. This pin also
connects to the cathode of the free-wheeling diode.
PGOOD
Power good is an open drain pull down that
indicates when the output voltage has reached
regulation. For a power good low, the output voltage
is within +/- 10% of the set regulation voltage. For
output voltages greater or less than 10%, the
PGOOD pin is high. This should be connected to the
input supply through a pull up resistor. A delay can
be added by placing a capacitor from PGOOD to
ground.
PGND
Power ground (PGND) is the ground path for the
MOSFET drive current. The current loop for the
power ground should be as small as possible and
separate from the Analog ground (AGND) loop.
Refer to the layout considerations fro more details.
SGND
Signal ground (SGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be separate from the power
ground
(PGND)
loop.
Refer
to
the
layout
considerations for more details.
September 2005
8
M9999-092905
www.micrel.com


Similar Part No. - MIC2208BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2208YML MICREL-MIC2208YML Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
More results

Similar Description - MIC2208BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
   3mmx3mm 2MHz 3A PWM Buck Regulator
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8303 SAMHOP-SM8303 Datasheet
217Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN31 SIGE-AATIAN31 Datasheet
210Kb / 5P
   1MHz 1.4A Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com