Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH16374DTR Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74VCXH16374DTR
Description  Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16374DTR Datasheet(HTML) 1 Page - ON Semiconductor

  74VCXH16374DTR Datasheet HTML 1Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 2Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 3Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 4Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 5Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 6Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 7Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 8Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 5
1
Publication Order Number:
74VCXH16374/D
74VCXH16374
Low−Voltage 1.8/2.5/3.3V
16−Bit D−Type Flip−Flop
With 3.6 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74VCXH16374 is an advanced performance, non−inverting
16−bit D−type flip−flop. It is designed for very high−speed, very
low−power operation in 1.8 V, 2.5 V or 3.3 V systems. The VCXH16374
is byte controlled, with each byte functioning identically, but
independently. Each byte has separate Output Enable and Clock Pulse
inputs. These control pins can be tied together for full 16−bit operation.
When operating at 2.5 V (or 1.8 V) the part is designed to tolerate
voltages it may encounter on either inputs or outputs when interfacing
to 3.3 V busses. It is guaranteed to be overvoltage tolerant to 3.6V.
The 74VCXH16374 consists of 16 edge−triggered flip−flops with
individual D−type inputs and 3.6 V−tolerant 3−state outputs. The
clocks (CPn) and Output Enables (OEn) are common to all flip−flops
within the respective byte. The flip−flops will store the state of
individual D inputs that meet the setup and hold time requirements on
the LOW−to−HIGH Clock (CP) transition. With the OE LOW, the
contents of the flip−flops are available at the outputs. When the OE is
HIGH, the outputs go to the high impedance state. The OE input level
does not affect the operation of the flip−flops. The data inputs include
active bushold circuitry, eliminating the need for external pullup
resistors to hold unused or floating inputs at a valid logic state.
Features
Designed for Low Voltage Operation: VCC = 1.65 V − 3.6 V
3.6 V Tolerant Inputs and Outputs
High Speed Operation: 3.0 ns max for 3.0 V to 3.6V
3.9 ns max for 2.3 V to 2.7V
7.8 ns max for 1.65 V to 1.95V
Static Drive: ±24 mA Drive at 3.0 V
±18 mA Drive at 2.3 V
±6 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
Includes Active Bushold to Hold Unused or Floating Inputs at a Valid
Logic State
IOFF Specification Guarantees High Impedance When VCC = 0 V*
Near Zero Static Supply Current in All Three Logic States (20 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±250 mA @ 125°C
ESD Performance: Human Body Model >2000 V
Machine Model >200 V
All Devices in Package TSSOP are Inherently Pb−Free**
*To ensure the outputs activate in the 3−state condition, the output enable pins
should be connected to VCC through a pullup resistor. The value of the resistor
is determined by the current sinking capability of the output connected to the
OE pin.
**For additional information on our Pb−Free strategy and soldering details,
please download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
VCXH16374
AWLYYWW
1
48
PIN NAMES
Function
Output Enable Inputs
Clock Pulse Inputs
Inputs
Outputs
Pins
OEn
CPn
D0−D15
O0−O15
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
74VCXH16374DT
TSSOP
(Pb−Free)
39 / Rail
74VCXH16374DTR
TSSOP
(Pb−Free)
2500 / Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - 74VCXH16374DTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCXH16374GX FAIRCHILD-74VCXH16374GX Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74VCXH16374MTD FAIRCHILD-74VCXH16374MTD Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374TTR STMICROELECTRONICS-74VCXH16374TTR Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - 74VCXH16374DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245 Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com