Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61150DRCRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61150DRCRG4
Description  DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61150DRCRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61150DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 12Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 13Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 14Page - Texas Instruments TPS61150DRCRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
ENABLE
TPS61150, TPS61151
SLVS625A – FEBRUARY 2006 – REVISED MARCH 2007
DETAILED DESCRIPTION (continued)
Pulling either the SEL1 or SEL2 pin low turns off the corresponding output. If both SEL1 and SEL2 are low for
more than 40 ms, the IC shuts down and consumes less than 1
µA current. The SEL pin can also be used for
PWM brightness dimming. To improve PWM dimming linearity, soft start is disabled if the time between falling
and rising edges of two adjacent SELx pulses is less than 40 ms. See APPLICATION INFORMATION for
details.
Each SEL input pin has an internal pull down resistor to disable the device when the pin is floating.
11
Submit Documentation Feedback


Similar Part No. - TPS61150DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61150DRCRG4 TI1-TPS61150DRCRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
More results

Similar Description - TPS61150DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61150 TI1-TPS61150 Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output Boost WLED Driver Using Single Inductor
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com