Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8120 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8120
Description  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8120 Datasheet HTML 1Page - ON Semiconductor CS8120 Datasheet HTML 2Page - ON Semiconductor CS8120 Datasheet HTML 3Page - ON Semiconductor CS8120 Datasheet HTML 4Page - ON Semiconductor CS8120 Datasheet HTML 5Page - ON Semiconductor CS8120 Datasheet HTML 6Page - ON Semiconductor CS8120 Datasheet HTML 7Page - ON Semiconductor CS8120 Datasheet HTML 8Page - ON Semiconductor CS8120 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 8
1
Publication Order Number:
CS8120/D
CS8120
5.0 V, 300 mA Linear
Regulator with RESET
and ENABLE
The CS8120 is a 5.0 V, 300 mA precision linear regulator with two
microprocessor compatible control functions and protection circuitry
included on chip. The composite NPN−PNP output pass transistor
assures a lower dropout voltage (1.0 V @ 200 mA) without requiring
excessive supply current (2.5 mA).
The CS8120’s two logic control functions make this regulator well
suited to applications requiring microprocessor−based control at the
board or module level. ENABLE controls the output stage. A high
voltage (> 2.9 V) on the ENABLE lead turns off the regulator’s pass
transistor and sends the IC into Sleep mode where it draws only 250
mA.
The RESET function sends a RESET signal when the IC is powering up
or whenever the output voltage moves out of regulation. The RESET
signal is valid down to VOUT = 1.0 V.
The CS8120 design optimizes supply rejection by switching the
internal bandgap reference from the supply input to the regulator
output as soon as the nominal output voltage is achieved. Additional
on chip filtering enhances rejection of high frequency transients on all
external leads.
The CS8120 is fault protected against short circuit, over voltage and
thermal runaway conditions.
Features
5.0 V ±4.0% Output Voltage 300 mA
Low Dropout Voltage (1.0 V @ 150 mA)
Low Quiescent Current (2.5 mA @ I
OUT = 150 mA)
mP Compatible Control Functions
RESET
ENABLE
Low Current Sleep Mode
IQ = 250
mA
Fault Protection
Thermal Shutdown
Short Circuit
60 V Load Dump
TO−220−5
T SUFFIX
CASE 314D
1
5
TO−220−5
TVA SUFFIX
CASE 314K
TO−220−5
THA SUFFIX
CASE 314A
1
5
1
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 10 of this data sheet.
DEVICE MARKING INFORMATION
D2PAK−5
DP SUFFIX
CASE 936AC
1
5
SO−14
D SUFFIX
CASE 751A
1
14
DIP−8
N SUFFIX
CASE 626
1
8
http://onsemi.com


Similar Part No. - CS8120

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
CS8120YD14 CHERRY-CS8120YD14 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
CS8120YDP5 CHERRY-CS8120YDP5 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
CS8120YDPR5 CHERRY-CS8120YDPR5 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
CS8120YDR14 CHERRY-CS8120YDR14 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
More results

Similar Description - CS8120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com