Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8101YDR8 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8101YDR8
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101YDR8 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8101YDR8 Datasheet HTML 1Page - ON Semiconductor CS8101YDR8 Datasheet HTML 2Page - ON Semiconductor CS8101YDR8 Datasheet HTML 3Page - ON Semiconductor CS8101YDR8 Datasheet HTML 4Page - ON Semiconductor CS8101YDR8 Datasheet HTML 5Page - ON Semiconductor CS8101YDR8 Datasheet HTML 6Page - ON Semiconductor CS8101YDR8 Datasheet HTML 7Page - ON Semiconductor CS8101YDR8 Datasheet HTML 8Page - ON Semiconductor CS8101YDR8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CS8101
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Load (mA)
0
10
20
3040
5060
7080
Figure 2. CS8101 Dropout Voltage vs. Load Over Temperature
0.6
0.5
0.4
0.3
0.2
0.1
0
25
°C
90
100
125 C
−40
°C
°
CIRCUIT DESCRIPTION
VOLTAGE REFERENCE AND OUTPUT CIRCUITRY
Output Stage Protection
The output stage is protected against overvoltage, short
circuit and thermal runaway conditions (Figure 3).
Figure 3. Typical Circuit Waveforms for Output
Stage Protection
IOUT
Load
Dump
VIN
VOUT
Current
Limit
Short
Circuit
> 30 V
If the input voltage rises above 30 V (e.g. load dump), the
output shuts down. This response protects the internal
circuitry and enables the IC to survive unexpected voltage
transients.
Should the junction temperature of the power device
exceed 180
°C (typ) the load current capability is reduced
thereby
preventing thermal overload. This thermal
management function is an effective means to prevent die
overheating since the load current is the principle heat
source in the IC.
REGULATOR CONTROL FUNCTIONS
The CS8101 contains two microprocessor compatible
control functions: ENABLE and RESET (Figure 4).
Figure 4. Circuit Waveform
(1) = No Reset Delay Capacitor
VIN
VOUT
ENABLE
RESET
(2) = With Reset Delay Capacitor
VRLO
VRPEAK
VRPEAK
For 7.0 V < VIN < 26 V
VIN(H)
VRH
VRL
(1)
(2)
ENABLE Function
The ENABLE function switches the output transistor ON
and OFF. When the voltage on the ENABLE lead exceeds
1.4 V typ, the output pass transistor turns off, leaving a high
impedance facing the load. The IC will remain in Sleep
mode, drawing only 50
mA, until the voltage on this input
drops below the ENABLE threshold.
RESET Function
A RESET signal (low voltage) is generated as the IC
powers up until VOUT is within 250 mV of the regulated
output voltage, or when VOUT drops out of regulation, and
is lower than 300 mV below the regulated output voltage. A
hysteresis of 50 mV is included in the function to minimize
oscillations.


Similar Part No. - CS8101YDR8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101YDR8 CHERRY-CS8101YDR8 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
ON Semiconductor
CS8101YDR8G ONSEMI-CS8101YDR8G Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
More results

Similar Description - CS8101YDR8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com