Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8221YDF8 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8221YDF8
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8221YDF8 Datasheet(HTML) 6 Page - ON Semiconductor

  CS8221YDF8 Datasheet HTML 1Page - ON Semiconductor CS8221YDF8 Datasheet HTML 2Page - ON Semiconductor CS8221YDF8 Datasheet HTML 3Page - ON Semiconductor CS8221YDF8 Datasheet HTML 4Page - ON Semiconductor CS8221YDF8 Datasheet HTML 5Page - ON Semiconductor CS8221YDF8 Datasheet HTML 6Page - ON Semiconductor CS8221YDF8 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CS8221
http://onsemi.com
6
PACKAGE DIMENSIONS
SO−8
DF SUFFIX
CASE 751−07
ISSUE AG
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
____
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - CS8221YDF8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8221YDF8 CHERRY-CS8221YDF8 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
More results

Similar Description - CS8221YDF8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com