Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8129YDWR16 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS8129YDWR16
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129YDWR16 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS8129YDWR16 Datasheet HTML 3Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 4Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 5Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 6Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 7Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 8Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 9Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 10Page - ON Semiconductor CS8129YDWR16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CS8129
http://onsemi.com
9
PACKAGE DIMENSIONS
TO−220
CASE 314D−04
ISSUE F
−Q−
1234 5
U
K
D
G
A
B1
5 PL
J
H
L
E
C
M
Q
M
0.356 (0.014)
T
SEATING
PLANE
−T−
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613 14.529 15.570
B
0.390
0.415
9.906 10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
G
0.067 BSC
1.702 BSC
H
0.087
0.112
2.210
2.845
J
0.015
0.025
0.381
0.635
K
0.977
1.045 24.810 26.543
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
U
0.105
0.117
2.667
2.972
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
B1
0.375
0.415
9.525 10.541
B
DETAIL A−A
B1
B
DETAIL A−A


Similar Part No. - CS8129YDWR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8129YDWR16 CHERRY-CS8129YDWR16 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
More results

Similar Description - CS8129YDWR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com