Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5202 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5202
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5202 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5202 Datasheet HTML 1Page - Intersil Corporation EL5202 Datasheet HTML 2Page - Intersil Corporation EL5202 Datasheet HTML 3Page - Intersil Corporation EL5202 Datasheet HTML 4Page - Intersil Corporation EL5202 Datasheet HTML 5Page - Intersil Corporation EL5202 Datasheet HTML 6Page - Intersil Corporation EL5202 Datasheet HTML 7Page - Intersil Corporation EL5202 Datasheet HTML 8Page - Intersil Corporation EL5202 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7331.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
EL5102, EL5103, EL5202, EL5203, EL5302
400MHz Slew Enhanced VFAs
The EL5x02 and EL5x03 families represent high-speed
VFAs based on a CFA amplifier architecture. This gives the
typical high slew rate benefits of a CFA family along with the
stability and ease of use associated with the VFA type
architecture. With slew rates of 3500V/µs, this family of
devices enables the use of voltage feedback amplifiers in a
space where the only alternative has been current feedback
amplifiers. This family will also be available in single, dual,
and triple versions, with 200MHz, 400MHz, and 750MHz
versions. These are all available in single, dual, and triple
versions.
Both families operate on single 5V or ±5V supplies from
minimum supply current. EL5x02 also features an output
enable function, which can be used to put the output in to a
high-impedance mode. This enables the outputs of multiple
amplifiers to be tied together for use in multiplexing
applications.
Typical applications for these families will include cable
driving, filtering, A-to-D and D-to-A buffering, multiplexing
and summing within video, communications, and
instrumentation designs.
Features
• Operates off 3V, 5V, or ±5V applications
• Power-down to 0µA (EL5x02)
• -3dB bandwidth = 400MHz
• ±0.1dB bandwidth = 50MHz
• Low supply current = 5mA
• Slew rate = 3500V/µs
• Low offset voltage = 5mV max
• Output current = 140mA
•AVOL = 2000
• Diff gain/phase = 0.01%/0.01°
• Pb-Free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering
Data Sheet
June 23, 2006


Similar Part No. - EL5202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5202 INTERSIL-EL5202 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202 INTERSIL-EL5202 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5202IY INTERSIL-EL5202IY Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com