Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5102ISZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5102ISZ-T7
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5102ISZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5102ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5102ISZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN7331.6
June 23, 2006
FIGURE 13. GAIN vs FREQUENCY FOR VARIOUS
CLOAD (AV =+5)
FIGURE 14. GAIN vs FREQUENCY FOR VARIOUS RF (AV = +1)
FIGURE 15. GAIN vs FREQUENCY FOR VARIOUS RF (AV = +2)
FIGURE 16. GAIN vs FREQUENCY FOR VARIOUS RF (AV = +5)
FIGURE 17. GAIN vs FREQUENCY FOR VARIOUS CIN(-)
(AV = +2)
FIGURE 18. GAIN vs FREQUENCY FOR VARIOUS CIN(-)
(AV = +5)
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
FREQUENCY (MHz)
CL=0pF
CL=100pF
VS=±5V
AV=+5
RF=400Ω
RL=500Ω
CL=150pF
CL=220pF
CL=56pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1000
FREQUENCY (MHz)
RF=0Ω
RF=100Ω
RF=25Ω
RF=150Ω
RF=50Ω
VS=±5V
AV=+1
RL=500Ω
CL=+3pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1000
FREQUENCY (MHz)
RF=100Ω
RF=1.0kΩ
RF=274Ω
VS=±5V
AV=+2
RL=500Ω
CL=+8pF
RF= 680Ω
RF=402Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
FREQUENCY (MHz)
RF=402Ω
RF=1kΩ
RF=2kΩ
RF=4kΩ
VS=±5V
AV=+5
RL=500Ω
CL=+12pF
RF=100Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1000
FREQUENCY (MHz)
CIN=0pF
CIN=4.7pF
CIN=2.2pF
CIN=1pF
VS=±5V
AV=+2
RF=RG=402Ω
RL=500Ω
CL=+8pF
CIN=3.3pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
FREQUENCY (MHz)
CIN=0pF
CIN=6.8pF
CIN=8.2pF
CIN=4.7pF
CIN=10pF
VS=±5V
AV=+5
RG=402Ω
RL=1600Ω
CL=+12pF
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5102ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102ISZ-T7 INTERSIL-EL5102ISZ-T7 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5102ISZ-T7 INTERSIL-EL5102ISZ-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5102ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com