Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC337-16RL1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC337-16RL1G
Description  Amplifier Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337-16RL1G Datasheet(HTML) 1 Page - ON Semiconductor

  BC337-16RL1G Datasheet HTML 1Page - ON Semiconductor BC337-16RL1G Datasheet HTML 2Page - ON Semiconductor BC337-16RL1G Datasheet HTML 3Page - ON Semiconductor BC337-16RL1G Datasheet HTML 4Page - ON Semiconductor BC337-16RL1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 5
1
Publication Order Number:
BC337/D
BC337, BC337−16,
BC337−25, BC337−40,
BC338−25
Amplifier Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
BC337
BC338
Unit
Collector − Emitter Voltage
VCEO
45
25
Vdc
Collector − Base Voltage
VCBO
50
30
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
800
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
COLLECTOR
1
2
BASE
3
EMITTER
MARKING
DIAGRAM
BC33
x−xx
AYWW
G
G
BC33x−xx = Device Code
(Refer to page 4)
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
3
2
1
TO−92
CASE 29
STYLE 17


Similar Part No. - BC337-16RL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC337-16RL1 ONSEMI-BC337-16RL1 Datasheet
82Kb / 6P
   Amplifier Transistors
July, 2004 ??Rev. 4
More results

Similar Description - BC337-16RL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com