|
| CS51311 |
|
||
|
ONSEMI |
|
6 page
CS51311 http://onsemi.com 6 Figure 2. Block Diagram + − − + + − + − Current Limit + − + − + − − + + − VFB VOUT VID0 VID1 VID2 VID3 VID4 1.1 V 86 mV EA DAC COMP COFF PWM COMP Discharge COMP 0.25 V Fault Latch R S Q Off Time UVLO VCC GATE(H) GATE(L) Nonoverlap Logic PWRGD GND |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL6322 | Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications | 1 2 3 4 5 More | Intersil Corporation |
| CS5165 | 5−Bit Synchronous CPU Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5165H | 5−Bit Synchronous CPU Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5159 | CPU 5−Bit Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| SC2602 | Synchronous Voltage Mode Controller for Distributed Power Supply Applications | 1 2 3 4 5 More | Semtech Corporation |
| CS5160 | CPU 5−Bit Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5161 | CPU 5−Bit Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5165A | 5−Bit Synchronous CPU Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| FAN5099 | Wide Frequency Synchronous Buck PWM AND LDO Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| CS5150 | CPU 4−Bit Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |