Selected language     English  ▼


CS51411_07 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. CS51411_07
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 5 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 125°C (CS51411E/2E/3E/4E); −40°C < TA < 85°C (CS51411E/2E/3E/4E);
0
°C < TA < 70°C (CS51411G/2G/3G/4G), 4.5 V< VIN < 40 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Sync
Sync Frequency Range
CS51411/CS51412
305
470
kHz
Sync Frequency Range
CS51413/CS51414
575
880
kHz
Sync Pin Bias Current
VSYNC = 0 V
VSYNC = 5.0 V
250
0.1
360
0.2
460
mA
mA
Sync Threshold Voltage
1.0
1.5
1.9
V
Shutdown
Shutdown Threshold Voltage
1.0
1.3
1.6
V
Shutdown Pin Bias Current
VSHDNB = 0 V
0.14
5.00
35
mA
Thermal Shutdown
Overtemperature Trip Point
(Note 3)
175
185
195
°C
Thermal Shutdown Hysteresis
(Note 3)
42
°C
General
Quiescent Current
ISW = 0 A
3.0
4.0
6.25
mA
Shutdown Quiescent Current
VSHDNB = 0 V
8.0
20
85
mA
Boost Operating Current
VBOOST − VSW = 2.5 V
6.0
15
40
mA/A
Minimum Boost Voltage
(Note 3)
2.5
V
Startup Voltage
2.2
3.3
4.4
V
Minimum Output Current
7.0
12
mA
3. Guaranteed by design, not 100% tested in production.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCV514111.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
NCV88421.5 A 170 kHz Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
NCV88431.5 A 340 kHz Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
LF00_06Very low drop voltage regulators with inhibit 1 2 3 4 5 MoreSTMicroelectronics
74ALVC16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX652Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
XC6221Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch 1 2 3 4 5 MoreTorex Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl