Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51033YDR8G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51033YDR8G
Description  Fast P?묬h FET Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51033YDR8G Datasheet(HTML) 1 Page - ON Semiconductor

  CS51033YDR8G Datasheet HTML 1Page - ON Semiconductor CS51033YDR8G Datasheet HTML 2Page - ON Semiconductor CS51033YDR8G Datasheet HTML 3Page - ON Semiconductor CS51033YDR8G Datasheet HTML 4Page - ON Semiconductor CS51033YDR8G Datasheet HTML 5Page - ON Semiconductor CS51033YDR8G Datasheet HTML 6Page - ON Semiconductor CS51033YDR8G Datasheet HTML 7Page - ON Semiconductor CS51033YDR8G Datasheet HTML 8Page - ON Semiconductor CS51033YDR8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 10
1
Publication Order Number:
CS51033/D
CS51033
Fast P−Ch FET Buck
Controller
The CS51033 is a switching controller for use in DC−DC
converters. It can be used in the buck topology with a minimum
number of external components. The CS51033 consists of a 1.0 A
power driver for controlling the gate of a discrete P−Channel
transistor, fixed frequency oscillator, short circuit protection timer,
programmable Soft−Start, precision reference, fast output voltage
monitoring comparator, and output stage driver logic with latch.
The high frequency oscillator allows the use of small inductors and
output capacitors, minimizing PC board area and systems cost. The
programmable Soft−Start reduces current surges at start up. The short
circuit protection timer significantly reduces the P−Ch FET duty cycle
to approximately 1/30 of its normal cycle during short circuit
conditions.
Features
1.0 A Totem Pole Output Driver
High Speed Oscillator (700 kHz max)
No Stability Compensation Required
Lossless Short Circuit Protection
2.0% Precision Reference
Programmable Soft−Start
Wide Ambient Temperature Range:
Industrial Grade: −40
°C to 85°C
Commercial Grade: 0
°C to 70°C
Pb−Free Packages are Available
PIN CONNECTIONS
51033 = Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
x
= Continuation of Device Code
x = Y or G
G
= Pb−Free Package
SOIC−8
D SUFFIX
CASE 751
1
8
MARKING DIAGRAM
VFB
GND
VCC
COSC
CS
PGND
VC
VGATE
1
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
51033
ALYWx
G
1
8


Similar Part No. - CS51033YDR8G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51033YDR8 CHERRY-CS51033YDR8 Datasheet
159Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
ON Semiconductor
CS51033YDR8 ONSEMI-CS51033YDR8 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
More results

Similar Description - CS51033YDR8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_05 Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com