Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2DXV5T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMC2DXV5T1
Description  Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMC2DXV5T1 Datasheet(HTML) 3 Page - ON Semiconductor

  EMC2DXV5T1_05 Datasheet HTML 1Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 2Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 3Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 4Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 5Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 6Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 7Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 8Page - ON Semiconductor EMC2DXV5T1_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EMC2DXV5T1, EMC3DXV5T1, EMC4DXV5T1, EMC5DXV5T1
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Q1 TRANSISTOR: PNP
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
EMC2DXV5T1
(VEB = 6.0, IC = 5.0 mA)
EMC3DXV5T1
EMC4DXV5T1
EMC5DXV5T1
IEBO
0.2
0.5
0.2
1.0
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
DC Current Gain
EMC2DXV5T1
(VCE = 10 V, IC = 5.0 mA)
EMC3DXV5T1
EMC4DXV5T1
EMC5DXV5T1
hFE
60
35
80
20
100
60
140
35
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
EMC2DXV5T1
EMC3DXV5T1, EMC4DXV5T1
EMC5DXV5T1
R1
15.4
7.0
3.3
22
10
4.7
28.6
13
6.1
k
W
Resistor Ratio
EMC2DXV5T1
EMC3DXV5T1
EMC4DXV5T1
EMC5DXV5T1
R1/R2
0.8
0.8
0.17
0.38
1.0
1.0
0.21
0.47
1.2
1.2
0.25
0.56
Q2 TRANSISTOR: NPN
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
EMC2DXV5T1
(VEB = 6.0, IC = 5.0 mA)
EMC3DXV5T1
EMC4DXV5T1, EMC5DXV5T1
IEBO
0.2
0.5
0.1
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
DC Current Gain
EMC2DXV5T1
(VCE = 10 V, IC = 5.0 mA)
EMC3DXV5T1
EMC4DXV5T1, EMC5DXV5T1
hFE
60
35
80
100
60
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
EMC2DXV5T1
EMC3DXV5T1
EMC4DXV5T1, EMC5DXV5T1
R1
15.4
7.0
33
22
10
47
28.6
13
61
k
W
Resistor Ratio
EMC2DXV5T1
EMC3DXV5T1
EMC4DXV5T1, EMC5DXV5T1
R1/R2
0.8
0.8
0.8
1.0
1.0
1.0
1.2
1.2
1.2


Similar Part No. - EMC2DXV5T1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G_14 Datasheet
105Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
May, 2014 ??Rev. 7
More results

Similar Description - EMC2DXV5T1_05

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
UMC2NT1 ONSEMI-UMC2NT1_06 Datasheet
86Kb / 10P
   Dual Common Base?묬ollector Bias Resistor Transistors
April, 2006 ??Rev. 6
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com