Selected language     English  ▼


HN1B01FDW1T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. HN1B01FDW1T1
Description  Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
HN1B01FDW1T1
http://onsemi.com
4
Typical Electrical Characteristics: NPN Transistor
Figure 7. Collector Saturation Voltage
01
2
3
4
6
5
280
0
40
VCE, COLLECTOR−EMITTER VOLTAGE (V)
80
120
160
Figure 8. DC Current Gain
1
10
100
1000
1000
10
IC, COLLECTOR CURRENT (mA)
100
TA = 25°C
6.0 mA
1.0 mA
IB = 0.2 mA
VCE = 1.0 V
TA = 100°C
−25
°C
25
°C
Figure 9. DC Current Gain
1
10
1000
100
1000
10
IC, COLLECTOR CURRENT (mA)
100
Figure 10. VCE(sat) versus IC
1
10
100
1000
1
0.01
IC, COLLECTOR CURRENT (mA)
0.1
IC/IB = 10
TA = 100°C
−25
°C
25
°C
TA = 100°C
−25
°C
25
°C
Figure 11. VBE(sat) versus IC
1
10
1000
100
10
0.1
IC, COLLECTOR CURRENT (mA)
1
Figure 12. Base−Emitter Voltage
0
0.1
10,000
VBE, BASE−EMITTER VOLTAGE (V)
0.1
COMMON EMITTER
VCE = 6 V
TA = 100°C
−25
°C
25
°C
TA = 25°C
IC/IB = 10
1
10
100
1000
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
5.0 mA
3.0 mA
200
240
2.0 mA
0.5 mA
VCE = 6.0 V




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
EMD4DXV6T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 ON Semiconductor
EMC2DXV5T1_05Dual Common Base−Collector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
BC307EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE LOW NOISE AMPLIFIER 1 2 KEC(Korea Electronics)
MD986COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR 1 2 3 4 5 Motorola, Inc
2SA1774_06PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
IT120Dual NPN General Purpose Amplifier 1 2 Intersil Corporation
2SA2029M3PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
EMA6DXV5T1Dual Common Emitter Bias Resistor Transistor PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 ON Semiconductor
2SC5658M3T5GNPN Silicon General Purpose Amplifier Transistor 1 2 3 4 Vaishali Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl