Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN324CGFX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FIN324CGFX
Description  24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324CGFX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN324CGFX Datasheet HTML 1Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.0.5
2
Ordering Information
Order
Number
Package Pb-Free
Operating
Temperature
Range
Package Description
Packing Method
FIN324CMLX
MLP040A
Yes
-30 C to 70 C
40-Terminal Molded Leadless Package (MLP),
Quad, JEDEC MO-220, 6mm Square
Tape & Reel
FIN324CGFX
BGA42A
Yes
-30 C to 70 C
42-Ball, Ultra Small Scale Ball Grid Array (USS-
BGA), JEDEC MO-195, 3.5 x 4.5mm Wide,
0.5mm Ball Pitch
Tape & Reel
Typical Application Diagram
Baseband /
Microprocessor
FIN324
2
WE/PCLK
Data/Control
24
FIN324
CKS
DS
LCD ‘A’
LCD ‘B’
WE/PCLK
WE/PCLK
Data/Control
24
Supports optional
secondary display
Figure 1.
Typical Application Diagram


Similar Part No. - FIN324CGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324CGFX FAIRCHILD-FIN324CGFX Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
More results

Similar Description - FIN324CGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com