Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3083EEN Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3083EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3083EEN Datasheet(HTML) 3 Page - Sipex Corporation

  SP3083EEN Datasheet HTML 1Page - Sipex Corporation SP3083EEN Datasheet HTML 2Page - Sipex Corporation SP3083EEN Datasheet HTML 3Page - Sipex Corporation SP3083EEN Datasheet HTML 4Page - Sipex Corporation SP3083EEN Datasheet HTML 5Page - Sipex Corporation SP3083EEN Datasheet HTML 6Page - Sipex Corporation SP3083EEN Datasheet HTML 7Page - Sipex Corporation SP3083EEN Datasheet HTML 8Page - Sipex Corporation SP3083EEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
PIN ASSIGNMENTS
Pin Number
Pin Name
Pin Function
Full-Duplex
Half -
Duplex
SP3080E SP3081E
SP3082E
SP3083E SP3084E
SP3085E
SP3086E SP3087E
SP3088E
2
2
1
RO
Receiver Output. When RE is low
and if (A – B) ≥ -40mV, RO is high.
If (A – B) ≤ - 200mV, RO is low.
3
-
2
RE
REREE
Receiver Output Enable. When RE
is low, RO is enabled. When RE
is high, RO is high impedance.
Drive RE high and DE low to enter
shutdown mode. RE is a hot-swap
input.
4
-
3
DE
Driver Output Enable. When DE
is high, outputs are enabled.
When DE is low, outputs are high
impedance. Drive DE low and RE
high to enter shutdown mode. DE
is a hot-swap input.
5
3
4
DI
Driver Input. With DE high, a low
level on DI forces non-inverting
output low and inverting output
high. A high level on DI forces non-
inverting output high and inverting
output low.
6, 7
4
5
GND
Ground
9
5
-
Y
Non-inverting Driver Output
10
6
-
Z
Inverting Driver Output
11
7
-
B
Inverting Receiver Input
-
-
7
B
Inverting Receiver Input and
Inverting Driver Output
12
8
-
A
Non-inverting Receiver Input
-
-
6
A
Non-inverting Receiver Input and
Non-inverting Driver Output
14
1
8
VCC
Positive Supply VCC. Bypass to
GND with a 0.1uF capacitor.
1, 8, 13
-
-
NC
No Connect, not internally
connected
Note: On 14-pin packages connect both pins 6 and 7 to Ground.


Similar Part No. - SP3083EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3083EEN-L EXAR-SP3083EEN-L Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3083EEN-L/TR EXAR-SP3083EEN-L/TR Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3083EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com