Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3384APWLE Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74CBT3384APWLE
Description  10-BIT FET BUS SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3384APWLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74CBT3384APWLE Datasheet HTML 3Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 4Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 5Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 6Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 7Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 8Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 9Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 10Page - Texas Instruments SN74CBT3384APWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74CBT3384APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3384APWLE TI-SN74CBT3384APWLE Datasheet
305Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384APWLE TI-SN74CBT3384APWLE Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
More results

Similar Description - SN74CBT3384APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A Datasheet
65Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A Datasheet
179Kb / 10P
[Old version datasheet]   10 BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384ADGVR TI-SN74CBT3384ADGVR Datasheet
305Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3384A RENESAS-HD74CBT3384A Datasheet
228Kb / 12P
   10-bit FET Bus Switch
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com