Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J111RLRA Datasheet(PDF) 4 Page - ON Semiconductor

Part # J111RLRA
Description  JFET Chopper Transistors N?묬hannel - Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J111RLRA Datasheet(HTML) 4 Page - ON Semiconductor

  J111RLRA Datasheet HTML 1Page - ON Semiconductor J111RLRA Datasheet HTML 2Page - ON Semiconductor J111RLRA Datasheet HTML 3Page - ON Semiconductor J111RLRA Datasheet HTML 4Page - ON Semiconductor J111RLRA Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
J111, J112
http://onsemi.com
4
NOTE 2
The Zero−Gate−Voltage Drain Current (IDSS), is the
principle determinant of other J-FET characteristics.
Figure 10 shows the relationship of Gate−Source Off
Voltage (VGS(off) and Drain−Source On Resistance
(rds(on)) to IDSS. Most of the devices will be within
±10%
of the values shown in Figure 10. This data will be useful
in predicting the characteristic variations for a given part
number.
For example:
Unknown
rds(on) and VGS range for an J112
The electrical characteristics table indicates that an J112
has an IDSS range of 25 to 75 mA. Figure 10, shows
rds(on) = 52
W for IDSS = 25 mA and 30 W for
IDSS = 75 mA. The corresponding VGS values are 2.2 V
and 4.8 V.
2.0
3.0
5.0
7.0
10
20
0.5 0.7
1.0
2.0
3.0
5.0 7.0 10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 6. Typical Forward Transfer Admittance
1.0
1.5
2.0
3.0
5.0
7.0
10
15
0.03 0.05
0.1
0.3 0.5
1.0
3.0 5.0
10
30
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Capacitance
200
160
120
80
40
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VGS, GATE−SOURCE VOLTAGE (VOLTS)
Figure 8. Effect of Gate−Source Voltage
On Drain−Source Resistance
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
−70
−40
−10
20
50
80
110
140
170
Tchannel, CHANNEL TEMPERATURE (°C)
Figure 9. Effect of Temperature On
Drain−Source On−State Resistance
J113
J112
J111
Tchannel = 25°C
VDS = 15 V
Cgs
Cgd
Tchannel = 25°C
(Cds IS NEGLIGIBLE)
IDSS
= 10
mA
25
mA
50mA
75mA 100mA
125mA
Tchannel = 25°C
ID = 1.0 mA
VGS = 0
10
IDSS, ZERO−GATE−VOLTAGE DRAIN CURRENT (mA)
Figure 10. Effect of IDSS On Drain−Source
Resistance and Gate−Source Voltage
20 30
40 50 60
70 80 90 100 110 120 130 140 150
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
100
90
80
70
60
50
40
30
20
10
0
Tchannel = 25°C
rDS(on) @ VGS = 0
VGS(off)


Similar Part No. - J111RLRA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Micross Components
J111 MICROSS-J111 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Siliconix J111
logo
Fairchild Semiconductor
J111 FAIRCHILD-J111 Datasheet
101Kb / 5P
   N-Channel Switch
logo
InterFET Corporation
J111 INTERFET-J111 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Calogic, LLC
J111 CALOGIC-J111 Datasheet
21Kb / 1P
   N-Channel JFET Switch
More results

Similar Description - J111RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
2N5638 ONSEMI-2N5638_06 Datasheet
51Kb / 3P
   JFET Chopper Transistors N-Channel - Depletion
March, 2006 ??Rev. 4
J111 ONSEMI-J111_12 Datasheet
90Kb / 5P
   JFET Chopper Transistors N.Channel . Depletion
March, 2006 ??Rev. 2
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
MMBFJ175LT1 ONSEMI-MMBFJ175LT1_06 Datasheet
42Kb / 2P
   JFET Chopper P-Channel - Depletion
February, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com