Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4949 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV4949
Description  100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4949 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV4949 Datasheet HTML 1Page - ON Semiconductor NCV4949 Datasheet HTML 2Page - ON Semiconductor NCV4949 Datasheet HTML 3Page - ON Semiconductor NCV4949 Datasheet HTML 4Page - ON Semiconductor NCV4949 Datasheet HTML 5Page - ON Semiconductor NCV4949 Datasheet HTML 6Page - ON Semiconductor NCV4949 Datasheet HTML 7Page - ON Semiconductor NCV4949 Datasheet HTML 8Page - ON Semiconductor NCV4949 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L4949, NCV4949
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Operating Supply Voltage
VCC
28
V
Transient Supply Voltage (t < 1.0 s)
VCC TR
40
V
Output Current
Iout
Internally
Limited
Output Voltage
Vout
20
V
Sense Input Current
ISI
±1.0
mA
Sense Input Voltage
VSI
VCC
Output Voltages
V
Reset Output
VReset
20
Sense Output
VSO
20
Output Currents
mA
Reset Output
IReset
5.0
Sense Output
ISO
5.0
Preregulator Output Voltage
VZ
7.0
V
Preregulator Output Current
IZ
5.0
mA
ESD Protection at any pin
V
Human Body Model
2000
Machine Model
400
Thermal Resistance, Junction−to−Air
RqJA
°C/W
P Suffix, DIP−8 Plastic Package, Case 626
100
D Suffix, SOIC−8 Plastic Package, Case 751
200
D Suffix, SOIC−20 Plastic Package, Case 751D
80
Operating Junction Temperature Range
TJ
−40 to +150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (VCC = 14 V, −40°C < TA < 125°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25°C, Iout = 1.0 mA)
Vout
4.95
5.0
5.05
V
Output Voltage (6.0 V < VCC < 28 V, 1.0 mA < Iout < 50 mA)
Vout
4.9
5.0
5.1
V
Output Voltage (VCC = 35 V, t < 1.0 s, 1.0 mA < Iout < 50 mA)
Vout
4.9
5.0
5.1
V
Dropout Voltage
Vdrop
V
Iout = 10 mA
0.1
0.25
Iout = 50 mA
0.2
0.40
Iout = 100 mA
0.3
0.50
Input to Output Voltage Difference in Undervoltage Condition
VIO
0.2
0.4
V
(VCC = 4.0 V, Iout = 35 mA)
Line Regulation (6.0 V < VCC < 28 V, Iout = 1.0 mA)
Regline
1.0
20
mV
Load Regulation (1.0 mA < Iout < 100 mA)
Regload
8.0
30
mV
Current Limit
ILim
mA
Vout = 4.5 V
105
200
400
Vout = 0 V
100
Quiescent Current (Iout = 0.3 mA, TA < 100°C)
IQSE
150
260
mA
Quiescent Current (Iout = 100 mA)
IQ
5.0
mA


Similar Part No. - NCV4949

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949 ONSEMI-NCV4949 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4949A ONSEMI-NCV4949A Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
NCV4949A ONSEMI-NCV4949A Datasheet
140Kb / 12P
   Low Dropout Voltage Regulator
July, 2017 ??Rev. 4
NCV4949ADR2G ONSEMI-NCV4949ADR2G Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
More results

Similar Description - NCV4949

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4290 ONSEMI-NCV4290 Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com