Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2101TRGE Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430F2101TRGE
Description  MIXED SIGNAL MICROCONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2101TRGE Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2101TRGE Datasheet HTML 6Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 7Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 8Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 9Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 10Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 11Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 12Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 13Page - Texas Instruments MSP430F2101TRGE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439C − SEPTEMBER 2004 − REVISED JULY 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
comparator_A+
The primary function of the Comparator_A+ module is to support precision slope analog-to-digital conversions,
battery-voltage supervision, and monitoring of external analog signals.
timer_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
Timer_A3 Signal Connections
Input
Pin Number
Device
Input Signal
Module
Input Name
Module
Block
Module
Output Signal
Output
Pin Number
DW, PW, DGV
RGE
DW, PW, DGV
RGE
13 - P1.0
13 - P1.0
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
9 - P2.1
7 - P2.1
INCLK
INCLK
14 - P1.1
14 - P1.1
TA0
CCI0A
14 - P1.1
14 - P1.1
10 - P2.2
8 - P2.2
TA0
CCI0B
CCR0
TA0
18 - P1.5
18 - P1.5
VSS
GND
CCR0
TA0
VCC
VCC
15 - P1.2
15 - P1.2
TA1
CCI1A
11 - P2.3
10 - P2.3
CAOUT (internal)
CCI1B
CCR1
TA1
15 - P1.2
15 - P1.2
VSS
GND
CCR1
TA1
19 - P1.6
20 - P1.6
VCC
VCC
16 - P1.3
16 - P1.3
TA2
CCI2A
12 - P2.4
11 - P2.4
ACLK (internal)
CCI2B
CCR2
TA2
16 - P1.3
16 - P1.3
VSS
GND
CCR2
TA2
20 - P1.7
21 - P1.7
VCC
VCC


Similar Part No. - MSP430F2101TRGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2101TRGE TI-MSP430F2101TRGE Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGE TI-MSP430F2101TRGE Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGER TI-MSP430F2101TRGER Datasheet
1Mb / 53P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGER TI-MSP430F2101TRGER Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101TRGER TI-MSP430F2101TRGER Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2101TRGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com