Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317L Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM317L
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317L Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM317L_05 Datasheet HTML 2Page - ON Semiconductor LM317L_05 Datasheet HTML 3Page - ON Semiconductor LM317L_05 Datasheet HTML 4Page - ON Semiconductor LM317L_05 Datasheet HTML 5Page - ON Semiconductor LM317L_05 Datasheet HTML 6Page - ON Semiconductor LM317L_05 Datasheet HTML 7Page - ON Semiconductor LM317L_05 Datasheet HTML 8Page - ON Semiconductor LM317L_05 Datasheet HTML 9Page - ON Semiconductor LM317L_05 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM317L
http://onsemi.com
6
LM317L
Vin
Vout
Vout = 1.25 V
RL
Cin
0.1
mF
Adjust
R1
240
1%
D1 *
1N4002
CO
+
1
mF
14.30V
4.30V
R2
1.65K
1%
**
10
mF
+
*D1 Discharges CAdj if Output is Shorted to Ground.
f = 120 Hz
VO
**CAdj provides an AC ground to the adjust pin.
Figure 4. Ripple Rejection Test Circuit
Figure 5. Load Regulation
Figure 6. Ripple Rejection
Figure 7. Current Limit
Figure 8. Dropout Voltage
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Vin = 45 V
Vout = 5.0 V
IL = 5.0 mA to 40 mA
Vin = 10 V
Vout = 5.0 V
IL = 5.0 mA to 100 mA
80
70
60
50
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
IL = 40 mA
f = 120 Hz
Vout = 10 V
Vin = 14 V to 24 V
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
IL = 5.0 mA
IL = 100 mA
0.50
0.40
0.30
0.20
0.10
0
0
1020304050
Vin−Vout, INPUT−OUTPUT VOLTAGE DIFFERENTIAL (V)
TJ = 25°C
TJ = 150°C


Similar Part No. - LM317L_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L_09 Datasheet
106Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
More results

Similar Description - LM317L_05

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com