Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM211DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM211DR2G
Description  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM211DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  LM211DR2G Datasheet HTML 1Page - ON Semiconductor LM211DR2G Datasheet HTML 2Page - ON Semiconductor LM211DR2G Datasheet HTML 3Page - ON Semiconductor LM211DR2G Datasheet HTML 4Page - ON Semiconductor LM211DR2G Datasheet HTML 5Page - ON Semiconductor LM211DR2G Datasheet HTML 6Page - ON Semiconductor LM211DR2G Datasheet HTML 7Page - ON Semiconductor LM211DR2G Datasheet HTML 8Page - ON Semiconductor LM211DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 5
1
Publication Order Number:
LM211/D
LM211, LM311
Single Comparators
The ability to operate from a single power supply of 5.0 V to 30 V or
$15 V split supplies, as commonly used with operational amplifiers,
makes the LM211/LM311 a truly versatile comparator. Moreover, the
inputs of the device can be isolated from system ground while the
output can drive loads referenced either to ground, the VCC or the VEE
supply. This flexibility makes it possible to drive DTL, RTL, TTL, or
MOS logic. The output can also switch voltages to 50 V at currents to
50 mA, therefore, the LM211/LM311 can be used to drive relays,
lamps or solenoids.
Features
Pb−Free Packages are Available
Figure 1. Typical Comparator Design Configurations
Split Power Supply with Offset Balance
Single Supply
Ground−Referred Load
Load Referred to Positive Supply
Strobe Capability
Output
VEE
Inputs
VCC
RL
1
2
3
4
5
6
7
8
5.0k
3.0k
VCC
VCC
VCC
VCC
VCC
Output
Output
Output
Output
Output
RL
RL
RL
RL
RL
Inputs
Inputs
Inputs
Inputs
Inputs
VEE
VEE
VEE
VEE
VEE
2
3
2
3
2
3
2
3
2
3
4
4
4
4
4
7
8
1
Input polarity is reversed when
GND pin is used as an output.
7
1
8
8
7
6
1
1.0k
TTL Strobe
1
7
8
Load Referred to Negative Supply
1
7
8
Input polarity is reversed when
GND pin is used as an output.
+
+
+
+
+
+
GND
Inputs
VEE
VCC
Output
Balance/Strobe
Balance
(Top View)
1
2
3
4
8
7
6
5
PIN CONNECTIONS
+
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
PDIP−8
N SUFFIX
CASE 626
1
8
SOIC−8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
1
8
LM311AN
AWL
YYWWG
LMx11
ALYW
G
1
8


Similar Part No. - LM211DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211DR2G ONSEMI-LM211DR2G Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
More results

Similar Description - LM211DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com